データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TMPF0502A-R33MN-D

  • AI
    ## Technical Overview of TMPF0502A-R33MN-D The **TMPF0502A-R33MN-D** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount (SMD) molded power inductors designed for high density and high efficiency. --- ### 1. Specification Breakdown The part number follows a specific nomenclature used by manufacturers (typically **Taiyo Yuden** or similar high-reliability component brands). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | The nominal inductance value (R33 = 0.33). | | **Tolerance** | ±20% | Denoted by the "M" in the part number. | | **Case Size** | 0502 | Refers to dimensions (approx. 5.0 x 5.0 mm). | | **Construction** | Metal Molded | Iron powder core for high saturation current. | | **Mounting Type** | SMD/SMT | Surface Mount Device. | --- ### 2. Key Features * **High Saturation Current:** Due to the metal powder core, the inductor can handle high peak currents without the inductance dropping sharply (soft saturation). * **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss and heat generation. * **Magnetic Shielding:** The molded structure naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding circuits. * **Compact Height:** The "02" in 0502 often refers to a low profile (typically around 2.0mm height), making it ideal for thin electronics. --- ### 3. Application Areas These inductors are critical components in power management stages: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to stabilize high-current power delivery. 2. **DC-DC Converters:** Found in Buck (step-down) or Boost (step-up) converters. 3. **Portable Electronics:** Used in smartphones, tablets, and laptops due to the small footprint and efficiency. 4. **Industrial/Automotive:** If rated for high temperatures, they are used in ADAS modules or sensors. --- ### 4. Comparison Table: Molded vs. Wire-wound | Feature | Molded (TMPF Series) | Traditional Wire-wound | | :--- | :--- | :--- | | **EMI Shielding** | Excellent (Self-shielded) | Poor to Moderate | | **Saturation** | Soft Saturation | Abrupt Saturation | | **Durability** | High (Solid block) | Lower (Exposed wire) | | **Acoustic Noise** | Very Low | Can buzz under load |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the TMPF0502A-R33MN-D?
    • ⤷ Which manufacturers provide equivalents for this part number?
    • ⤷ How does the 'soft saturation' property benefit power supply stability?