データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TNETE200

  • AI
    The **TNETE200** (also known as the ThunderLAN™ PCI Ethernet Controller) is a legacy integrated circuit manufactured by Texas Instruments. It was primarily designed to provide a high-performance interface between a 32-bit PCI local bus and various network physical layer (PHY) devices. ### 1. Functional Overview The TNETE200 serves as a Media Access Control (MAC) layer device. It handles the logic required to move data packets between a computer's memory and the physical network cable. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments | | **Interface** | PCI Local Bus Specification Revision 2.1 | | **Data Rate** | 10 Mbps (Ethernet) / 100 Mbps (Fast Ethernet) | | **Process Technology** | CMOS | | **Package Type** | 208-pin PQFP (Plastic Quad Flat Pack) | --- ### 2. Key Electronic Components & Architecture The internal architecture of the TNETE200 is divided into several specialized blocks: #### A. PCI Bus Interface * **DMA Controller:** It features a sophisticated scatter-gather Bus Master DMA (Direct Memory Access) engine. This allows the chip to move data to and from system RAM without taxing the CPU. * **Configuration Space:** Contains registers required for "Plug and Play" functionality, allowing the BIOS/OS to assign I/O addresses and interrupts. #### B. Network Interface Logic * **Media Independent Interface (MII):** A standard interface used to connect the MAC to different types of PHY (Physical Layer) chips (e.g., fiber optic or twisted-pair copper). * **FIFO Buffers:** Internal transmit and receive FIFOs (First-In, First-Out) to manage data flow and prevent "underrun" or "overrun" errors during bus latency. #### C. Control and Management * **EEPROM Interface:** Usually connects to a small external serial EEPROM (like a 93C46) to store the unique MAC address and hardware configuration parameters. * **Statistics Counters:** Hardware-based counters that track network errors, collisions, and packet counts for network management. --- ### 3. Application Circuit Diagram (High-Level) In a typical electronic design, the TNETE200 acts as the "brain" of a network card. ```text [ PCI BUS ] <----> [ TNETE200 MAC ] <----> [ MII BUS ] <----> [ PHY CHIP ] <----> [ Transformer/RJ45 ] | [ EEPROM (MAC ADDR) ] ``` ### 4. Technical Pinout Categories The 208 pins are generally categorized as follows: * **Address/Data (AD0-AD31):** Multiplexed pins for the PCI bus. * **Control Signals:** FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#. * **MII Interface:** TXD (Transmit Data), RXD (Receive Data), TX_CLK, RX_CLK. * **Power/Ground:** Multiple VCC and GND pins to ensure signal integrity and reduce electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TNETE200 and the TNETE100 series?
    • ⤷ Does the TNETE200 support Full-Duplex communication?
    • ⤷ Which modern operating systems still provide drivers for the ThunderLAN chipset?