データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TNETEL

  • AI
    It appears you are referring to the **TNETE** or **TNETL** series (often associated with **Texas Instruments** networking and telecommunications components). Specifically, these parts are typically part of the **TNETV** or **TNETE** families, which focus on Ethernet switching, Broadband, and VoIP applications. The most common parts in this category are **Ethernet Controllers** and **Broadband Gateways**. --- ## 1. Core Categories of TNET Components These parts are generally categorized into the following technical roles: | Category | Typical Part Prefix | Function | | :--- | :--- | :--- | | **Ethernet Controllers** | TNETE100 / TNETE2000 | Media Access Control (MAC) and physical layer management. | | **VoIP Processors** | TNETV1055 / TNETV2662 | Digital Signal Processing (DSP) for voice-over-IP. | | **DSL/Broadband** | TNETD | Modem chipsets for ADSL/VDSL communication. | --- ## 2. Key Electronic Features If you are working with these chips on a PCB, they generally share several architectural characteristics: ### A. Interface Protocols These chips act as bridges between different data protocols. Common interfaces found on TNET parts include: * **MII/RMII/GMII:** Media Independent Interfaces used to connect the MAC to a PHY (Physical Layer) chip. * **PCI/PCIe:** Host interfaces for connecting the controller to a computer CPU. * **I2C/SPI:** Serial interfaces for configuration and reading EEPROM data. ### B. Power Management TNET series chips are often "System-on-Chip" (SoC) designs requiring multiple voltage rails: * **Core Voltage (1.2V - 1.8V):** Powers the internal logic and DSP engines. * **I/O Voltage (3.3V):** Powers the external communication pins. ### C. Internal Processing Many TNET parts (especially the TNETV line) utilize **TMS320C55x** or **TMS320C6x** DSP cores. These are specialized for high-speed mathematical calculations required for voice compression and data packet routing. --- ## 3. Common Application Example: TNETE100 The **TNETE100** is a classic "ThunderLAN" PCI Ethernet controller. Its internal block diagram typically includes: 1. **PCI Bus Interface:** Handles DMA (Direct Memory Access) to offload the main CPU. 2. **FIFO Buffers:** Internal memory to hold data packets during transmission/reception to prevent data loss. 3. **Statistics Modules:** Hardware counters that track network errors, collisions, and packet counts. --- ## 4. Identifying the Part If you are looking at a physical chip, check the markings: * **Logo:** Usually a Texas Instruments (TI) "Texas" outline logo. * **Date Code:** A 4-digit number (e.g., 0422 means week 22 of 2004). * **Package Type:** Often TQFP (Thin Quad Flat Pack) or BGA (Ball Grid Array).
    ✨ Follow-up Questions
    • ⤷ Are you looking for a datasheet for a specific TNET part number?
    • ⤷ Do you need help with the pinout or circuit design for an Ethernet controller?
    • ⤷ Is this for a repair of an older networking device or a new design?