データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TP05-R50-FB

  • AI
    The **TP05-R50-FB** is a precision electronic component, specifically a **High-Precision Power Wirewound Resistor**. These resistors are designed for applications requiring high stability, low resistance values, and heat dissipation. ### 1. Component Specifications The alphanumeric code provides specific details about its electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | TP05 | 5-Watt rated power series. | | **Resistance Value** | R50 | 0.50 Ohms ($\Omega$). | | **Tolerance** | F | $\pm 1\%$ (Precision grade). | | **Packaging/Style** | B | Bulk packaging or specific lead style (varies by manufacturer). | --- ### 2. Key Technical Characteristics * **Power Rating:** 5 Watts. This indicates the maximum power the resistor can dissipate as heat without being damaged (assuming proper airflow/heatsinking). * **Technology:** Wirewound construction. This involves winding a resistive wire (often Nichrome) around a ceramic core. This allows for high pulse handling and durability. * **Temperature Coefficient (TCR):** Usually very low (e.g., $\pm 20$ to $\pm 50$ ppm/°C), meaning the resistance changes very little as the component heats up. * **Inductance:** Because it is wirewound, it may have some inherent inductance, though "TP" series often utilize non-inductive winding techniques to minimize this for high-frequency use. --- ### 3. Common Applications Due to its low resistance (0.5$\Omega$) and high power rating, the TP05-R50-FB is typically used in the following circuits: * **Current Sensing:** Used as a shunt resistor to measure current by monitoring the voltage drop across it ($V = I \times R$). * **Voltage Dividers:** In power supply circuits where high wattage is required. * **Motor Controllers:** To limit inrush current or monitor load. * **Audio Equipment:** Used in crossover networks or output stages. --- ### 4. Physical Dimensions (Typical) * **Body Type:** Usually a rectangular ceramic "stone" or a cylindrical axial leaded component. * **Coating:** Flameproof silicone or cement coating for safety during overload conditions.
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerance ratings for the TP series resistors?
    • ⤷ Can this resistor be used in high-frequency RF circuits?
    • ⤷ What is the maximum operating temperature for the TP05 series?