データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TP11368N

  • AI
    ## TP11368N Electronic Components Analysis The **TP11368N** is a specialized integrated circuit (IC) primarily designed for telephony and communication systems. It is often categorized as a **Telephone Line Interface Circuit** or a **Speakerphone Integrated Circuit**. ### 1. Key Technical Specifications Below are the general operating parameters for this component: | Parameter | Typical Value | | :--- | :--- | | **Package Type** | DIP-28 (Dual In-line Package) | | **Operating Voltage** | 2.0V to 6.0V DC | | **Application** | Analog Telephony, Intercoms | | **Function** | Voice switched speakerphone circuit | | **Technology** | Bipolar / Analog | --- ### 2. Core Functional Blocks The TP11368N integrates several electronic stages to manage two-way (duplex) communication over a single pair of wires without feedback (howling). * **Attenuators (Transmit & Receive):** The chip contains two gain-controlled amplifiers. When a person speaks into the microphone, the transmit path gain increases while the receive path gain decreases to prevent echo. * **Level Detectors:** These circuits monitor the signal levels on both the line and the microphone to determine which path (Talk or Listen) should be active. * **Background Noise Monitors:** A specific circuit used to distinguish between continuous background noise and active speech, ensuring the attenuators don't switch unnecessarily. * **Hybrid Interface:** An internal bridge circuit that separates the outgoing voice signal from the incoming audio on a 2-wire system. --- ### 3. Pin Configuration Overview While the exact pinout can vary by manufacturer (often produced by brands like Texas Instruments or National Semiconductor), the typical 28-pin layout includes: | Pin Category | Description | | :--- | :--- | | **Power (Vcc/GND)** | Supplies the operational voltage to the IC. | | **Microphone Input** | Connects to the electret or dynamic microphone. | | **Speaker Output** | Drives the external power amplifier for the speaker. | | **Line I/O** | The interface points for the telephone line or hybrid transformer. | | **Timing/Filter** | Pins for external resistors and capacitors to set switching speeds. | --- ### 4. Implementation Circuit In a typical application, the TP11368N requires several external passive components to tune the "switching time" between speaking and listening. ```c /* Pseudocode representation of the switching logic */ if (Microphone_Level > Line_Level + Threshold) { Set_Transmit_Gain(HIGH); Set_Receive_Gain(LOW); } else if (Line_Level > Microphone_Level + Threshold) { Set_Transmit_Gain(LOW); Set_Receive_Gain(HIGH); } else { Set_Idle_State(); } ``` --- ### 5. Common Applications * **Hands-free Telephones:** The primary use case for home and office phones. * **Intercom Systems:** Used in building security and "push-to-talk" systems. * **Echo Cancellation Units:** Basic analog echo suppression in older teleconferencing hardware.
    ✨ Follow-up Questions
    • ⤷ What are the common equivalent or replacement ICs for the TP11368N?
    • ⤷ How do you calculate the values for the external timing capacitors for this IC?
    • ⤷ Can the TP11368N be used in digital VoIP applications?