データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TP11368V

  • AI
    ## Overview of the TP11368V The **TP11368V** is a specific integrated circuit primarily used in telecommunications and signal processing. It belongs to the family of **Combined PCM Codec and Filter (COMBO)** devices. These chips are designed to handle the conversion between analog voice signals and digital pulse-code modulation (PCM) data. --- ### Core Specifications and Features | Feature | Description | | :--- | :--- | | **Function** | Monolithic PCM Codec and Filter | | **Package Type** | PLCC (Plastic Leaded Chip Carrier) - 28 Pin | | **Technology** | CMOS (Low power consumption) | | **Standard Compliance** | Meets CCITT and D3/D4 specifications | | **Operating Voltage** | Typically ±5V or +5V (model dependent) | --- ### Key Electronic Components & Subsystems The internal architecture of the TP11368V consists of several critical electronic sections that work in tandem: 1. **Transmit Section (Analog to Digital)** * **Input Amplifier:** Buffers the incoming analog voice signal. * **Anti-Aliasing Filter:** A low-pass filter that prevents high-frequency noise from folding into the frequency band. * **Bandpass Filter:** Restricts the voice signal to the 300Hz - 3400Hz range. * **A/D Converter:** An encoder that converts the filtered analog signal into an 8-bit PCM word (using μ-Law or A-Law companding). 2. **Receive Section (Digital to Analog)** * **D/A Converter:** Decodes the 8-bit digital PCM data back into an analog multilevel signal. * **Reconstruction Filter:** A low-pass filter (with $(\sin x)/x$ correction) that smooths the analog steps into a continuous waveform. * **Power Amplifier:** Drives the final analog output, often capable of driving low-impedance loads (like a transformer or line driver). 3. **Digital Interface (PCM Highway)** * Includes clocking logic (BCLK, FS) to synchronize the data transfer with a system controller or backplane. --- ### Pin Configuration Summary (Typical 28-Pin PLCC) | Pin Name | Function | Type | | :--- | :--- | :--- | | **VCC / VBB** | Power Supply (Positive / Negative) | Power | | **GND** | Digital and Analog Grounds | Reference | | **VFRO** | Voice Frequency Receive Output | Analog Out | | **VFXI** | Voice Frequency Transmit Input | Analog In | | **DX** | Digital Transmit Data | Digital Out | | **DR** | Digital Receive Data | Digital In | | **FSX / FSR** | Frame Sync Transmit / Receive | Clock | --- ### Applications * **Digital Telephony:** Line cards for PABX or central office switching. * **VoIP Gateways:** Converting legacy analog phone signals to digital streams. * **Modems:** Early-stage signal conditioning. * **ISDN Terminals:** Handling voice transmission over digital networks.
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-law and u-law companding in the TP11368V?
    • ⤷ Can the TP11368V operate on a single 5V power supply?
    • ⤷ What are the common failure modes for this type of PLCC package chip?