データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TP6-R

  • AI
    The **TP6-R** is a high-performance, rechargeable electronic control handle often used in industrial or cinematic applications (such as the Teradek RT motion control series). Its architecture focuses on precision signal transmission, power management, and user interface feedback. --- ### Core Electronic Components The device integrates several key subsystems to ensure low-latency wireless communication and tactile precision. | Component Category | Key Parts | Function | | :--- | :--- | :--- | | **Microcontroller** | ARM Cortex-M Series | The "brain" that processes inputs and manages the wireless stack. | | **Power Module** | LP-E6 Battery Interface / Internal LDOs | Regulates voltage and manages charging via USB-C or external pins. | | **Input Sensors** | Hall Effect Sensors / Optical Encoders | Detects the rotation of the knob with high resolution without mechanical wear. | | **Display** | OLED Panel | Provides real-time status, channel info, and menu navigation. | | **Communication** | 2.4GHz RF Transceiver | Handles long-range wireless data transmission to receivers/motors. | --- ### Key Technical Systems #### 1. Precision Input Mechanism Unlike standard potentiometers, the TP6-R typically utilizes **non-contact Hall Effect sensors**. This is critical because: * It prevents "jitter" caused by dust or mechanical friction. * It allows for infinite rotation or software-defined hard stops. #### 2. Power Management Circuitry The "R" in TP6-R stands for **Rechargeable**. The internal circuitry includes: * **Protection ICs:** Prevents overcharging, over-discharging, and short circuits. * **Fuel Gauge:** Calculates remaining battery percentage for the OLED display. #### 3. Wireless Connectivity The electronic board features a specialized antenna (often internal ceramic or external SMA) tuned for the **2.4GHz ISM band**. It uses frequency-hopping spread spectrum (FHSS) technology to avoid interference on busy sets. #### 4. Feedback Actuators Some versions include a small **Haptic Motor**. This electronic part provides physical vibration alerts when a limit is reached or a connection is lost. --- ### Electronic Specifications (General) ```json { "Input_Voltage": "6.0V - 8.4V (LP-E6 Standard)", "Data_Interface": "USB-C (Firmware/Charging)", "Wireless_Range": "Up to 1500m (Line of Sight)", "Resolution": "16-bit internal processing", "Connectivity": "6-pin Lemo or similar for wired control" } ``` ---
    ✨ Follow-up Questions
    • ⤷How do Hall Effect sensors compare to traditional potentiometers in control handles?
    • ⤷ What is the charging protocol used for the TP6-R internal battery?
    • ⤷ Which wireless frequency does the TP6-R use for long-range communication?