データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TPD1024AS

  • AI
    ## Technical Overview: TPD1024AS The **TPD1024AS** is a specialized electronic component manufactured by **Toshiba**. It belongs to the category of **Intelligent Power Switches (IPS)**, specifically designed for low-side switching applications. It integrates a power MOSFET with various protection and diagnostic circuits. --- ### 1. Key Internal Components The TPD1024AS is not just a simple transistor; it contains several "electronic parts" integrated into a single silicon chip: | Component | Function | | :--- | :--- | | **N-Channel MOSFET** | The primary switching element that controls the load. | | **Charge Pump** | Boosts the internal voltage to ensure the MOSFET is fully turned on. | | **Overcurrent Protection** | Limits current to prevent damage during a short circuit. | | **Over-temperature Sensor** | Shuts down the device if the junction temperature exceeds safe limits. | | **Active Clamp** | Protects the device from inductive voltage spikes (flyback) during turn-off. | --- ### 2. Technical Specifications Below are the typical electrical characteristics for the TPD1024AS: | Parameter | Value (Typical) | | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 60 V | | **Drain Current ($I_D$)** | 1.0 A to 2.0 A (package dependent) | | **On-Resistance ($R_{DS(ON)}$)** | ~0.2 $\Omega$ | | **Input Voltage ($V_{IN}$)** | 5 V Logic Compatible | | **Package Type** | SSOP-8 | --- ### 3. Functional Features The "Intelligence" of this part comes from its built-in safety features: * **Logic Level Input:** Can be driven directly by a microcontroller (TTL/CMOS compatible). * **Built-in Protection:** * **Current Limiting:** Prevents the device from burning out if the load shorts. * **Thermal Shutdown:** If the chip gets too hot ($>150^\circ C$), it automatically switches off. * **Diagnostic Output:** Some variants provide a status pin to tell the MCU if a fault (like overheating) has occurred. --- ### 4. Basic Application Circuit In a standard circuit, the TPD1024AS sits between the Load and the Ground (Low-Side). ```mermaid graph LR VCC((VCC)) --> Load Load --> Drain(TPD1024AS Drain) MCU(Microcontroller) --> Input(TPD1024AS Input) Source(TPD1024AS Source) --> GND(Ground) ``` --- ### 5. Common Use Cases * **Automotive Electronics:** Driving relays, solenoids, or small motors. * **Industrial Control:** PLCs (Programmable Logic Controllers) to switch 24V DC loads. * **Consumer Electronics:** Power management in appliances.
    ✨ Follow-up Questions
    • What are the main differences between a standard MOSFET and an Intelligent Power Switch like the TPD1024AS?
    • How does the active clamp feature protect the TPD1024AS from inductive loads?
    • What is the specific pinout configuration for the SSOP-8 package of this device?