TPS65232A0RHAR
AI

The **TPS65232A0RHAR** is a highly integrated Power Management IC (PMIC) manufactured by Texas Instruments. It is specifically designed to handle power requirements for LNB (Low Noise Block) controllers in satellite receivers, such as Set-Top Boxes (STBs).
---
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 18V |
| **Output Current** | Up to 700mA |
| **Interface** | I2C Compatible |
| **Package** | 40-Pin VQFN (RHA) |
| **Switching Frequency** | 500 kHz / 1 MHz (Selectable) |
| **Operating Temp** | -40°C to 125°C |
---
### 2. Functional Components
The IC is "Electronic Parts" in a single package because it integrates multiple discrete power stages:
#### A. Boost DC-DC Converter
* **Function:** Steps up the input voltage (usually 12V) to a higher level (around 13V or 18V) required by the LNB.
* **Control:** Uses a pulse-width modulation (PWM) controller with an internal power MOSFET.
#### B. Linear Regulator (LDO)
* **Function:** Provides a low-noise, regulated output to the satellite dish.
* **Protection:** It includes built-in current limiting to prevent damage in case of a short circuit in the coaxial cable.
#### C. DiSEqC™ Integration
* **Function:** Digital Satellite Equipment Control.
* **Mechanism:** The chip includes circuitry to encode and decode 22-kHz signals onto the output voltage, allowing the Set-Top Box to communicate with the dish hardware (switching polarities or satellites).
---
### 3. Application Circuit Components
To use this IC effectively, several external electronic components are required:
1. **Inductors:** Typically 10µH to 22µH for the boost converter stage.
2. **Capacitors:** Low-ESR ceramic capacitors for input/output filtering to reduce ripple.
3. **Schottky Diode:** Required for the boost converter rectification.
4. **Resistors:** Used for setting I2C addresses and compensation networks.
---
### 4. Safety and Protection Features
* **Thermal Shutdown:** Shuts the chip down if the internal junction temperature exceeds safety limits.
* **Over-Current Protection (OCP):** Protects the IC if the coaxial cable is shorted.
* **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate in an unstable state if the input voltage drops too low.
---
- ⤷
What are the main differences between the TPS65232 and the A0RHAR version?
- ⤷ Can you provide a typical application schematic for the LNB supply?
- ⤷ How is the I2C interface used to configure the output voltage?