データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TR0025

  • AI
    Based on the common classification in electronics sourcing and radio frequency (RF) components, the **TR0025** typically refers to a specific type of **Saw Filter** or **Resonator** package, often utilized in wireless communication and remote control systems. Below is a detailed breakdown of the electronic characteristics and specifications associated with this part. --- ### 1. Overview of TR0025 The TR0025 is most frequently identified as a **Surface Acoustic Wave (SAW) Resonator**. These components are critical for stabilizing frequencies in low-power transmitters, such as garage door openers, security systems, and wireless sensors. ### 2. Technical Specifications While specific manufacturers (like RFM or Murata) may have slight variations, the standard electronic parameters for a TR0025-style resonator (often tuned to 433.92 MHz) are as follows: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Center Frequency ($f_c$)** | 433.92 | MHz | | **Insertion Loss** | 1.5 - 2.0 | dB | | **Frequency Tolerance** | ±75 to ±100 | kHz | | **Operating Temperature** | -40 to +85 | °C | | **Package Type** | TO-39 or SM-2 | - | | **Load Capacitance** | 1.0 - 2.0 | pF | --- ### 3. Key Electronic Functions The TR0025 performs several vital roles within a circuit: * **Frequency Stabilization:** It acts as the "heartbeat" of a high-frequency oscillator, ensuring the carrier signal stays at the exact assigned frequency. * **Filtering:** It suppresses unwanted noise and harmonics that could interfere with other electronic devices. * **Energy Conversion:** It converts electrical energy into mechanical (acoustic) waves and back again to achieve high-Q resonance. ### 4. Typical Circuit Application In most designs, the TR0025 is placed in the feedback loop of a transistor-based oscillator. ```cpp // Representative logic of frequency control in a transmitter void transmitSignal() { // The TR0025 hardware stabilizes the hardware clock Hardware_Oscillator_Enable(433.92_MHz); // Data is then modulated onto this stable carrier Apply_OOK_Modulation(DATA_BUFFER); } ``` --- ### 5. Common Use Cases 1. **Remote Keyless Entry (RKE):** Used in automotive key fobs. 2. **Wireless Security:** Window and door sensors. 3. **Industrial Telemetry:** Short-range data transmission in factories. 4. **Smart Home:** Basic 433MHz light switches and smart plugs.
    ✨ Follow-up Questions
    • What are the visual differences between a TO-39 and an SMD version of the TR0025?
    • How do I test a TR0025 resonator using an oscilloscope or spectrum analyzer?
    • Can a TR0025 be replaced by a standard crystal oscillator in a circuit?