データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TRF-RJ11

  • AI
    ### TRF-RJ11 Overview The **TRF-RJ11** is an electronic component typically categorized as a **Modular Jack (Registered Jack 11)**. It is primarily used for telecommunications, data networking, and low-voltage power transmission. In most contexts, "TRF" refers to a specific manufacturer prefix or a technical designation for a transformer-coupled or standard RJ11 connector. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | RJ11 (Registered Jack 11) | | **Pin Configuration** | 6P4C (6 Positions, 4 Contacts) or 6P2C | | **Material** | Thermoplastic (Housing), Gold-plated Copper Alloy (Contacts) | | **Mounting Type** | Through-Hole (PCB) or Panel Mount | | **Voltage Rating** | 125V AC / 150V DC (Typical) | | **Current Rating** | 1.5 Amps per contact | --- ### Key Electronic Components The TRF-RJ11 is not just a plastic housing; it contains several critical electronic elements: #### 1. Contact Pins * **Function:** Conducts electrical signals between the cable and the PCB. * **Composition:** Usually made of phosphor bronze with gold plating (often 3μ" to 50μ") to prevent oxidation and ensure low contact resistance. #### 2. Shielding (If Applicable) * **Function:** Protects the signal from Electromagnetic Interference (EMI). * **Material:** Nickel-plated brass or stainless steel outer shell. #### 3. Integrated Magnetics (Transformer) * If the "TRF" prefix refers to **Transformer-integrated** jacks: * **Isolation:** Provides galvanic isolation to protect the circuit from high-voltage spikes on the phone line. * **Filtering:** Filters out high-frequency noise to ensure signal integrity. --- ### Application Circuit Example When integrating a TRF-RJ11 into a PCB design, the pinout typically follows this structure: ```cpp // Typical 6P4C Pinout Diagram Pin 1: Reserved (NC) Pin 2: Tip (Negative) Pin 3: Ring (Positive) Pin 4: Tip (Secondary) Pin 5: Ring (Secondary) Pin 6: Reserved (NC) ``` --- ### Common Use Cases 1. **Telephony:** Connecting landline telephones to wall outlets. 2. **Modems:** Interfacing DSL or dial-up modems with service provider lines. 3. **RS-232/RS-485:** Used in industrial automation as a compact connector for serial communication. 4. **Power Delivery:** Small-scale low-voltage power distribution in modular systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 6P4C and 6P6C configurations in TRF-RJ11 connectors?
    • ⤷ How does gold plating thickness affect the lifespan of an RJ11 jack?
    • ⤷ Are TRF-RJ11 connectors compatible with RJ12 cables?