データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TS-N46-R

  • AI
    The **TS-N46-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to the user. --- ### 1. Key Technical Specifications The following table outlines the general electrical and mechanical characteristics typical for this specific series: | Characteristic | Specification | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Type** | SPST (Single Pole Single Throw) - Normally Open | | **Contact Rating** | 50mA @ 12V DC | | **Operating Force** | 160gf to 250gf (Standard: ~160gf) | | **Travel Distance** | 0.25mm ± 0.1mm | | **Life Expectancy** | ~100,000 Cycles | --- ### 2. Physical Construction The TS-N46-R is designed with a low-profile architecture to fit within slim devices. Its construction includes: * **Actuator:** The top button pressed by the user. In the "R" variant, this is often a rubberized or reinforced plastic plunger. * **Metal Dome:** Acts as the moving contact. When pressed, it snaps down to complete the circuit, providing the "click" sound and tactile feel. * **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) designed to withstand **Reflow Soldering** temperatures. * **Terminals:** Silver-plated or Gold-plated copper alloy for high conductivity and oxidation resistance. --- ### 3. Application Use Cases Because of its small footprint (often 4.5mm x 4.5mm or similar), the TS-N46-R is found in: 1. **Handheld Devices:** Volume buttons and power switches on smartphones or tablets. 2. **Wearables:** Smartwatches and fitness trackers. 3. **Peripheral Devices:** Computer mice, keyboards, and remote colors. 4. **Medical Equipment:** Interface panels for portable diagnostic tools. --- ### 4. Soldering Considerations As an SMD component, the TS-N46-R must be handled according to specific thermal profiles to avoid damaging the internal plastic components. ```json { "Process": "Lead-Free Reflow", "Preheat_Temp": "150°C - 200°C", "Peak_Temp": "260°C Max", "Time_at_Peak": "5-10 seconds" } ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions of the TS-N46-R footprint?
    • ⤷ Is there a waterproof (IP-rated) version of this switch?
    • ⤷ What is the difference between the 'R' suffix and the standard model?