データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TS2PCIE412RUAR

  • AI
    ### Overview of TS2PCIE412RUAR The **TS2PCIE412RUAR** is a high-speed passive switch designed by Texas Instruments (TI). It is primarily used for switching PCI Express (PCIe) signals between multiple targets or hosts. It functions as a 4-channel, 1-to-2 (2:1) differential multiplexer/demultiplexer. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Function** | 2:1 Differential Mux/Demux | | **Channels** | 4-Channel (suitable for PCIe x1, x2, or x4) | | **Bandwidth** | ~3.0 GHz | | **Supply Voltage (Vcc)** | 3.0V to 3.6V | | **Operating Current** | < 1 mA (Very low power) | | **Package** | 42-Pin WQFN (RUA) | | **Standard Supported** | PCIe Gen 1 (2.5 Gbps) and Gen 2 (5.0 Gbps) | --- ### Key Features and Electronic Behavior 1. **High Bandwidth:** With a bandwidth of 3.0 GHz, it can handle the high-speed data rates required for PCIe Generation 2.0 without significant signal degradation. 2. **Low Insertion Loss:** It is designed to minimize signal attenuation as it passes through the switch, which is critical for maintaining signal integrity over long PCB traces. 3. **Bi-directional Data Path:** The device is strictly passive, meaning data can flow in both directions (from common port to outputs, or vice-versa). 4. **Control Logic:** It uses a single selection pin (`SEL`) to toggle between the two output paths. It also features an Output Enable (`OE`) pin to put the outputs into a high-impedance state (standby). --- ### Internal Pin Configuration | Pin Type | Description | | :--- | :--- | | **Dx+, Dx-** | Differential Common I/O ports. | | **nDy+, nDy-** | Differential Output/Input ports (where n=0-3 and y=A or B). | | **SEL** | Selection Input (Low = Path A, High = Path B). | | **/OE** | Output Enable (Active Low). When High, all paths are disconnected. | | **Vcc / GND** | Power supply and ground pins. | --- ### Common Applications * **Desktop/Server Motherboards:** Switching PCIe lanes between a slot and an onboard controller (like SATA or USB 3.0). * **Laptops:** Routing signals to docking stations or internal expansion cards. * **Telecommunications:** Signal routing in high-speed backplanes. ---
    ✨ Follow-up Questions
    • What is the maximum data rate supported by the TS2PCIE412RUAR in Gbps?
    • How does the 'OE' pin affect power consumption in this device?
    • Can this chip be used for protocols other than PCIe
    • such as SATA or DisplayPort?