データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TSKD-3JLE-R

  • AI
    The **TSKD-3JLE-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical "click" sensation (tactile feedback) to the user. --- ## Technical Specifications Below is a breakdown of the typical technical parameters for a switch in this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Contact Current Rating** | 50mA @ 12VDC (Typical) | | **Actuation Force** | Usually ranges from 160gf to 250gf | | **Operating Life** | 100,000 to 500,000 cycles | | **Operating Temperature** | -25°C to +70°C | --- ## Core Electronic Components The "TSKD" series generally consists of four primary internal parts that work together to complete the electrical circuit: ### 1. The Actuator (Stem) The top part of the switch that the user presses. In the **3JLE-R** variant, this is often a low-profile stem designed to fit under thin plastic keycaps or membranes. ### 2. The Cover/Frame A metal or high-temperature plastic shell that holds the internal components in place and provides the structural integrity needed for surface mounting. ### 3. The Metal Snap Dome This is the most critical electronic part. It acts as both the **spring** and the **conductor**. - **Resting state:** The dome is curved, keeping the circuit open. - **Pressed state:** The dome collapses, creating a bridge between the stationary contacts on the base. This provides the "click" sound and tactile feel. ### 4. The Base (Housing) with Terminals The base contains the fixed electrical contacts. The terminals (pins) extend from the side of the base to be soldered onto the PCB (Printed Circuit Board). --- ## Part Number Breakdown (TSKD-3JLE-R) While manufacturer naming conventions vary slightly, the suffix codes usually indicate: * **TSKD:** Series identifier (Tactile Switch). * **3:** Often refers to the physical dimensions (e.g., 3mm x 3mm or a specific height). * **J:** Refers to the lead shape (J-bend leads, which are space-saving for SMT). * **L/E:** Designators for actuation force or stem height. * **R:** Generally stands for **Tape and Reel** packaging, indicating it is ready for automated pick-and-place assembly machines. --- ## Typical Application Circuit In a digital circuit, this switch is usually used as an input to a Microcontroller (MCU). ```c // Example: Pull-up Resistor Configuration // 3.3V --- [Resistor 10k] ---+--- [TSKD-3JLE-R] --- GND // | // MCU Input Pin ``` When the switch is pressed, the MCU input pin is pulled to Ground (Low). When released, the pull-up resistor brings the signal back to 3.3V (High).
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the TSKD-3JLE-R?
    • ⤷ What is the recommended soldering profile for this SMT switch?
    • ⤷ Can this switch be used in waterproof applications?