データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TSOP532..DF1P

  • AI
    The **TSOP532..DF1P** series consists of miniaturized IR receiver modules for infrared remote control systems. These components integrate a PIN photodiode and a preamplifier on a single lead frame, encapsulated in an epoxy package that acts as an IR filter. --- ### 1. Key Technical Specifications The "32" in the part number typically refers to the carrier frequency (32 kHz). Below are the general specifications for this series: | Parameter | Value | |:---|:---| | **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V | | **Carrier Frequency ($f_0$)** | 32 kHz | | **Supply Current ($I_S$)** | 0.7 mA (typical) | | **Transmission Distance** | Up to 45 meters | | **Output Type** | Active Low | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Internal Block Diagram Functional Parts The TSOP532 series is more than just a sensor; it is an integrated circuit (IC) containing several functional blocks: 1. **PIN Photodiode:** Converts incoming infrared light pulses into electrical signals. 2. **Preamplifier:** Amplifies the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress noise from ambient light or fluorescent lamps. 4. **Band Pass Filter:** Specifically tuned to the carrier frequency (32 kHz) to block signals from other sources. 5. **Demodulator:** Removes the carrier frequency and outputs the raw data signal. --- ### 3. Pin Configuration The device usually follows a standard 3-pin layout for surface mount or through-hole versions: | Pin Number | Name | Description | |:---:|:---:|:---| | 1 | **OUT** | Data Output; connected to MCU | | 2 | **GND** | Ground | | 3 | **$V_S$** | Power Supply (2.5V - 5.5V) | --- ### 4. Application Circuit To ensure stable operation, a simple RC filter is recommended at the power supply input to suppress ripples. ```cpp // Schematic Representation: // [VCC] --- [Resistor 100 Ohm] ---+--- [Pin 3: Vs] // | // [Capacitor 4.7uF] // | // [GND] --------------------------+--- [Pin 2: GND] // // [MCU Input] <----------------------- [Pin 1: OUT] ``` --- ### 5. Distinguishing Features of "DF1P" The suffix **DF1P** usually denotes specific packaging and environmental standards: * **DF:** Refers to the "Deep Focus" or specific mold/package orientation (often side-view or top-view depending on the specific Vishay datasheet variant). * **1P:** Typically indicates **Pb-free** (Lead-free) and "Green" (halogen-free) compliance, packed in tape and reel for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the compatible IR protocols for the TSOP532 series?
    • ⤷ How does the AGC4 version differ from the standard AGC2 in IR receivers?
    • ⤷ Can I use a 38kHz remote with a 32kHz TSOP532 receiver?