データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TSOP572..H

  • AI
    The **TSOP572..H** series consists of miniaturized receiver modules for infrared (IR) remote control systems. These parts are specifically designed to receive IR signals, demodulate them, and output a clean digital signal compatible with microcontrollers. --- ## 1. Internal Functional Components The device integrates several discrete electronic components into a single, side-view surface mount (SMD) package: | Component | Description | | :--- | :--- | | **Photodiode** | Converts IR light pulses into a small electrical current. | | **Preamplifier** | Amplifies the weak signal from the photodiode. | | **Automatic Gain Control (AGC)** | Adjusts sensitivity to filter out ambient light and noise. | | **Band Pass Filter** | Specifically tuned to the carrier frequency (e.g., 38kHz) to block interference. | | **Demodulator** | Extracts the data envelope from the carrier wave. | --- ## 2. Key Specifications The "H" suffix typically denotes high-speed/high-reliability variants or specific lead-frame designs within the Vishay TSOP family. * **Supply Voltage ($V_S$):** 2.5 V to 5.5 V (Ideal for both 3.3V and 5V logic). * **Supply Current ($I_S$):** Low power consumption, typically around 0.7 mA. * **Carrier Frequencies:** Available in various frequencies (30kHz, 33kHz, 36kHz, 38kHz, 40kHz, 56kHz). * **Transmission Distance:** Up to 40 meters (under ideal conditions). * **Package:** SMD side-view (small footprint for thin devices). --- ## 3. Circuit Implementation Integrating the TSOP572..H into a circuit is straightforward as it requires very few external components. ### Typical Connection Diagram ```text +5V / +3.3V | [R1: 100 Ohm] | +-------+----------- (Pin 2: Vs) | | [C1: 0.1uF] [TSOP572..H] | | GND -----+-------+----------- (Pin 3: GND) | +----------- (Pin 1: OUT) --> To MCU GPIO ``` --- ## 4. Signal Processing and Noise Suppression The TSOP572..H is engineered to ignore "Optical Noise" from sources like: 1. **Fluorescent Lamps:** Modern CFLs emit high-frequency noise that can confuse IR sensors. 2. **Sunlight:** Direct DC light is filtered out by the AGC. 3. **Data Formats:** It is optimized for short burst codes (e.g., NEC, Sony, RC5 protocols). ### Performance Summary * **High Immunity:** Against ambient light interference. * **TTL/CMOS Compatibility:** The output is "Active Low," meaning it stays HIGH when idle and pulls LOW when a valid IR burst is detected.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TSOP572 and the TSOP574 series?
    • ⤷ How do I choose the correct carrier frequency for my application?
    • ⤷ What are the common causes for short range or signal interference in this sensor?