データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TT-53-R

  • AI
    The **TT-53-R** typically refers to a high-precision, low-profile **Temperature Compensated Crystal Oscillator (TCXO)**, often manufactured by companies like Rakon or specialized frequency control suppliers. These components are critical in telecommunications and GPS applications where frequency stability is paramount. --- ### 1. Key Electronic Specifications The TT-53-R is designed to maintain a stable frequency despite fluctuations in environmental temperature. | Parameter | Typical Specification | | :--- | :--- | | **Frequency Range** | 10.0 MHz to 40.0 MHz (Commonly 19.2MHz or 26MHz) | | **Supply Voltage (Vcc)** | 2.4V to 3.3V DC | | **Stability vs. Temp** | ±0.5 ppm to ±2.5 ppm | | **Output Type** | Clipped Sine Wave | | **Current Consumption** | 1.5 mA to 2.0 mA | | **Package Size** | 5.0 x 3.2 mm (Surface Mount Device) | --- ### 2. Internal Component Architecture The device is not a single part but a micro-circuit housed in a hermetically sealed metal lid. It consists of: 1. **Quartz Crystal Resonator:** The "heart" of the component, providing the base vibration frequency. 2. **Compensation Network:** An integrated circuit (IC) that senses the ambient temperature and applies a correction voltage to the oscillator. 3. **Varactor Diode:** Used by the compensation circuit to pull the crystal's frequency back to the target value as temperature shifts. 4. **Voltage Regulator:** Internal circuitry that ensures power supply noise does not affect the output frequency. --- ### 3. Pin Configuration (Typical 4-Pad Layout) The TT-53-R series usually follows a standard footprint for SMD TCXOs: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vcont / NC | Voltage Control (if VCTCXO) or No Connection | | **2** | GND | Ground Connection | | **3** | Output | The generated RF signal (Clipped Sine) | | **4** | Vcc | Positive Power Supply | --- ### 4. Application Use-Cases Because of its high stability and small form factor, it is used in: * **GPS/GNSS Modules:** To ensure fast satellite signal acquisition. * **Mobile Communication:** Handsets and base stations requiring precise timing. * **Wi-Fi / Bluetooth:** High-speed data transmission synchronization. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and the TT-53-R TCXO?
    • ⤷ How do I interpret the 'ppm' stability rating in a practical circuit?
    • ⤷ What are the soldering precautions for a 5.0x3.2mm SMD package?