データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TZ2012B

  • AI
    The **TZ2012B** is a specific electronic component, typically identified as a **Crystal Oscillator** (specifically a Surface Mount Device or SMD Crystal). These components are critical for providing a stable clock signal to microprocessors, RF modules, and other digital circuits. --- ## Technical Specifications Based on standard industry datasheets for the TZ2012B series, here are the primary technical characteristics: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Quartz Crystal (Passive) | | **Package Size** | 2.0mm x 1.2mm (2012 Metric) | | **Nominal Frequency** | Commonly 32.768 kHz (RTC applications) | | **Frequency Tolerance** | ±10 ppm to ±50 ppm | | **Load Capacitance ($C_L$)** | 6pF, 7pF, 9pF, or 12.5pF | | **Operating Temperature** | -40°C to +85°C | | **Drive Level** | 0.1 µW to 0.5 µW | --- ## Key Electronic Features ### 1. Miniaturized Form Factor The "2012" in the part number refers to its physical dimensions: **2.0mm by 1.2mm**. This ultra-small footprint makes it ideal for high-density PCBs found in: * Smartwatches and Wearables * IoT Sensors * Smartphones ### 2. Low Power Consumption Most TZ2012B crystals are tuned to **32.768 kHz**. This specific frequency is used for Real-Time Clocks (RTC). Because it is a power of 2 ($2^{15}$), it can be easily divided by digital flip-flops to achieve a precise 1-second pulse while consuming minimal battery power. ### 3. Material Composition * **Quartz Crystal:** The core is a synthetic quartz wafer cut at a specific angle (usually AT-cut or Tuning Fork). * **Ceramic Package:** The housing is typically ceramic with a metal lid, seam-sealed to ensure a vacuum or nitrogen-filled environment for stability. --- ## Typical Application Circuit When integrating a TZ2012B into a circuit, it usually requires two external "load capacitors" ($C_1$ and $C_2$) to maintain the resonance frequency. ```c // Simplified representation of the Oscillator Circuit [MCU_XTAL_IN] ----+---- [Crystal TZ2012B] ----+---- [MCU_XTAL_OUT] | | [C1] [C2] | | (GND) (GND) ``` --- ## Common Manufacturers While "TZ2012B" is a generic industry size/type descriptor, prominent manufacturers producing this part include: * **Taiwan Crystal (TXC)** * **Kyocera** * **Seiko Epson** * **NDK (Nihon Dempa Kogyo)**
    ✨ Follow-up Questions
    • ⤷ What is the difference between a passive crystal and an active oscillator in the 2012 package?
    • ⤷ How do I calculate the correct load capacitance (CL) for a TZ2012B?
    • ⤷ Can the TZ2012B be used for high-speed data transmission?