データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U-H4N-R

  • AI
    The **Zoom H4n Pro (U-H4N-R)** is a popular portable digital recorder known for its high-fidelity audio capture. Its internal electronics are designed to balance low-noise preamplification with flexible analog-to-digital conversion. --- ### 1. Key Electronic Components The device's architecture is centered around high-quality input stages and a dedicated DSP (Digital Signal Processor). | Component Type | Part/Function | Description | | :--- | :--- | :--- | | **Microphone Preamps** | High-performance low-noise | Same preamps found in the H5 and H6 models; provides a low noise floor (-120 dBu EIN). | | **A/D Converters** | 24-bit/96kHz | Converts incoming analog signals to high-resolution digital data. | | **Display** | 1.9-inch Backlit LCD | Monochromatic display driven by a dedicated controller for UI and metering. | | **Storage Interface** | SD/SDHC Slot | Supports cards up to 32GB via a standard SPI/SDIO interface. | | **Power Management** | DC-DC Converter | Manages 2x AA batteries or a 5V AC adapter; includes 24V/48V Phantom Power generation. | --- ### 2. Input/Output Circuitry The electronic versatility of the U-H4N-R comes from its complex I/O board: 1. **Onboard X/Y Microphones:** Two unidirectional condenser microphones set at 90° or 120°. The capsules are connected to an internal preamp stage that handles phase alignment. 2. **XLR/TRS Combo Jacks:** These utilize balanced circuitry to minimize electromagnetic interference (EMI). They include high-impedance (Hi-Z) support for guitars. 3. **USB Interface:** A Mini-B port connected to a USB controller that allows the device to act as a 2-in/2-out audio interface for PCs/Macs. --- ### 3. Signal Path Logic The electronic workflow follows this general path: 1. **Transduction:** Sound hits the condenser capsules or external inputs. 2. **Gain Stage:** Controlled by the side-mounted "REC LEVEL" buttons, which digitally control the analog gain of the preamps. 3. **Processing:** The signal passes through a Limiter/Compressor circuit and a Low-cut filter (processed via DSP). 4. **Encoding:** The signal is encoded into WAV (Linear PCM) or MP3 formats and written to the SD card. --- ### 4. Schematic Highlights ```mermaid graph LR A[XLR/TRS Inputs] --> B[Preamp/Gain Control] C[Internal Mics] --> B B --> D[A/D Converter] D --> E[DSP - Effects/Limiters] E --> F[SD Card Storage] E --> G[USB Audio Out] E --> H[Headphone/Line Out] ```
    ✨ Follow-up Questions
    • ⤷ What is the equivalent input noise (EIN) rating for the H4n Pro preamps?
    • ⤷ How does the phantom power circuit affect battery life on this model?
    • ⤷ Can the H4n Pro be used as a USB microphone without an SD card?