データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U1-R

  • AI
    The term **U1-R** typically refers to a specific standardized battery size and terminal configuration commonly used in small engine applications, such as riding lawn mowers, tractors, and small backup generators. Below is a breakdown of the technical specifications and electronic characteristics of a U1-R battery. --- ## 1. Physical and Terminal Specifications The "U1" refers to the group size (dimensions), while the "R" indicates a specific terminal orientation. | Feature | Specification | | :--- | :--- | | **BCI Group Size** | U1 | | **Dimensions (Approx.)** | 7.7" L x 5.2" W x 7.3" H | | **Voltage** | 12 Volts | | **Terminal Type** | Flag Terminals (Bolt-through) | | **"R" Designation** | **Reverse Polarity:** The Positive (+) terminal is on the right side when facing the front. | ### The Importance of the "R" In a standard **U1** battery, the positive terminal is on the left. In a **U1-R**, the layout is flipped. Using the wrong one can lead to short circuits if the cables are forced to reach across the battery or if the polarity is accidentally reversed during installation. --- ## 2. Electrical Performance Metrics Electronic parts within the U1-R category are measured by their ability to provide high current for starting internal combustion engines. ### Cold Cranking Amps (CCA) This measures the battery's ability to start an engine in cold temperatures (0°F / -18°C). * **Typical Range:** 230 CCA to 350 CCA. * **Application:** Higher CCA is required for larger engines or use in cold climates. ### Reserve Capacity (RC) This measures how many minutes the battery can supply a consistent 25-amp current before the voltage drops below 10.5V. * **Typical Range:** 35 to 50 minutes. --- ## 3. Internal Chemistry and Construction Most U1-R batteries are **Lead-Acid**, but they come in different internal designs: * **Flooded (Wet Cell):** The most common and cost-effective. Contains liquid electrolyte that may require occasional topping off with distilled water (if not "maintenance-free"). * **AGM (Absorbed Glass Mat):** A premium version where the electrolyte is absorbed in fiberglass mats. They are spill-proof, more vibration-resistant, and have a lower self-discharge rate. --- ## 4. Common Applications Because of its compact 12V output, the U1-R is the "electronic heart" for: 1. **Lawn & Garden:** Riding mowers (John Deere, Cub Cadet, etc.). 2. **Power Sports:** Some ATVs and utility vehicles. 3. **Solar Backups:** Small-scale 12V solar storage arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a U1-R and a standard U1 battery?
    • ⤷Can I replace a Lead-Acid U1-R with a Lithium (LiFePO4) version?
    • ⤷How do I test if my U1-R battery's voltage is healthy?