データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U4091BM-R

  • AI
    ## Overview of U4091BM-R The **U4091BM-R** is a specialized integrated circuit (IC) designed primarily for **telecommunications** and **security systems**. It is a high-performance voice-switched speakerphone circuit, typically used in hands-free communication devices. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly Atmel) | | **Package Type** | SOIC-44 / SSO-44 (Surface Mount) | | **Operating Voltage** | 3V to 5V (Typical) | | **Supply Current** | ~5mA | | **Function** | Voice-Switched Speakerphone IC | | **Interface** | Analog Front-End for Microphones and Speakers | --- ### 2. Main Functional Blocks The U4091BM-R contains several critical electronic sub-systems to manage high-quality audio: 1. **Microphone Amplifier:** A low-noise pre-amplifier that boosts signals from an electret microphone. 2. **Speaker Amplifier:** A power stage capable of driving small speakers or providing a line-out signal. 3. **Level Detectors:** These monitor the signal levels of both the "Transmit" and "Receive" paths to prevent feedback (howling). 4. **Control Logic:** A voice-switching unit that determines which path (talk or listen) should be active, implementing **Half-Duplex** logic to ensure only one direction is amplified at a time. 5. **Background Noise Monitor:** Filters out steady-state noise to ensure the voice switching only triggers on actual human speech. --- ### 3. Application Use Cases The U4091BM-R is commonly found in the following electronic devices: * **Intercom Systems:** Apartment building entry systems. * **Hands-Free Car Kits:** Older generation cellular integration. * **Speakerphones:** Traditional corded or cordless desktop phones. * **Security Panels:** Communication hubs for home security monitoring. --- ### 4. Typical Circuit Integration Below is a conceptual representation of how the pins are categorized: ```markdown [ Microphone In ] ----> [ Gain Control ] ----> [ Transmit Path ] | [ Switching Logic ] <--- (Analyzes Levels) | [ Speaker Out ] <---- [ Power Amp ] <---- [ Receive Path ] ``` --- ### 5. Notable Advantages * **Integration:** Reduces the need for many discrete transistors and op-amps. * **Power Consumption:** Optimized for low-power operation, making it suitable for line-powered telephone sets. * **Stability:** Features internal frequency compensation to prevent oscillation.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between U4091BM-R and modern digital DSP chips?
    • ⤷ Can you provide a pinout diagram for the SOIC-44 version?
    • ⤷ How does the chip handle acoustic echo cancellation?