データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U4256BM-R

  • AI
    ## Overview of the U4256BM-R The **U4256BM-R** is a high-performance integrated circuit (IC) designed primarily for use in **AM/FM car radio receivers**. It is manufactured by Atmel (now Microchip Technology) and functions as a specialized **Frequency Synthesizer** for radio tuning applications. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Function** | AM/FM Car Radio Frequency Synthesizer | | **Operating Voltage** | 7.5V to 10V | | **Frequency Range** | Up to 160 MHz (FM) / 40 MHz (AM) | | **Interface** | 3-wire Bus (I2C compatible) | | **Package Type** | SO-20 (Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Components & Subsystems The U4256BM-R integrates several critical electronic stages into a single silicon chip to manage radio frequency (RF) signals: #### 1. Phase-Locked Loop (PLL) The heart of the IC is the PLL system. It ensures that the radio stays locked onto a specific frequency without drifting. * **Programmable Dividers:** Allows the user to select specific radio stations by dividing the high-frequency signal into manageable steps. * **Phase Detector:** Compares the reference frequency (from a crystal) with the tuned frequency to adjust the voltage-controlled oscillator (VCO). #### 2. Prescalers Because AM and FM operate at vastly different frequencies, the IC includes specialized prescalers: * **FM Prescaler:** A high-speed dual-modulus prescaler (typically 64/65 or 80/81) to handle frequencies up to 160 MHz. * **AM Prescaler:** Optimized for lower frequencies (up to 40 MHz). #### 3. Bus Interface (Control Logic) The IC communicates with a microcontroller via a **3-wire bus**. This allows the radio's software to: * Set the tuning frequency. * Control the charge pump current (to adjust tuning speed). * Switch between AM and FM modes. #### 4. Charge Pump and Filter The chip includes a programmable charge pump. This part converts the digital phase error into an analog current, which is then used to drive the external VCO through a loop filter. --- ### Typical Application Circuit In a standard electronic design, the U4256BM-R requires several external components to function: ```mermaid graph LR MCU[Microcontroller] -- 3-Wire Bus --> U4256[U4256BM-R] XTAL[Crystal Oscillator] -- Ref Freq --> U4256 U4256 -- Tuning Voltage --> VCO[External VCO] VCO -- Feedback --> U4256 ``` 1. **Crystal (XTAL):** Usually a 4.0 MHz or 10.125 MHz crystal to provide a stable reference clock. 2. **Loop Filter:** A combination of resistors and capacitors (RC network) connected to the charge pump output to smooth the tuning voltage. 3. **VCO:** An external transistor-based oscillator that generates the actual RF signal. --- ### Summary of Benefits * **High Integration:** Reduces the need for numerous discrete transistors. * **Low Noise:** Designed specifically for the sensitive environment of automotive audio. * **Fast Tuning:** The high-speed charge pump allows for quick "Seek" and "Scan" functions in car radios.
    ✨ Follow-up Questions
    • ⤷ What are the pinout descriptions for the SO-20 package of the U4256BM-R?
    • ⤷ How does the 3-wire bus protocol differ from standard I2C in this IC?
    • ⤷ What are the common failure symptoms of a U4256BM-R in a car radio circuit?