データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U60010-R

  • AI
    The **U60010-R** is a high-performance, single-chip **USB-to-Serial (UART) bridge controller**. It is designed to provide a simple and cost-effective solution for connecting devices with RS-232/RS-485/RS-422 interfaces to a USB host. --- ### 1. Technical Specifications The following table highlights the core technical parameters of the U60010-R: | Feature | Specification | | :--- | :--- | | **USB Version** | USB 2.0 Full Speed (12 Mbps) | | **UART Interface** | 5, 6, 7, or 8 data bits | | **Baud Rates** | 300 bps to 3 Mbps | | **Supply Voltage** | 3.3V to 5.0V | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | QFN-24 or SSOP-28 (typically) | | **FIFO Buffers** | 512-byte Receive / 512-byte Transmit | --- ### 2. Key Internal Components The U60010-R integrates several electronic sub-systems into a single piece of silicon: * **USB Transceiver:** Handles the physical signaling for the USB differential pair (D+ and D-), including on-chip termination resistors. * **Voltage Regulator:** An internal LDO (Low Dropout) regulator that converts 5V USB power down to the 3.3V required by the chip's core logic. * **Clock Generator:** An integrated oscillator that eliminates the need for an external crystal, reducing the total Bill of Materials (BOM) cost. * **EEPROM/OTP Memory:** Used for storing configuration descriptors, such as the Vendor ID (VID), Product ID (PID), and serial strings. --- ### 3. Pinout and Connection Logic The chip acts as a bridge. Below is the typical functional pin mapping: 1. **USB Side:** * `VBUS`: Power input. * `D+ / D-`: Data differential pair. 2. **UART Side:** * `TXD / RXD`: Transmit and Receive data. * `RTS / CTS`: Hardware flow control. * `DTR / DSR / DCD / RI`: Modem handshake signals. 3. **Control:** * `RESET`: Active low hardware reset. * `SUSPEND`: Indicates when the USB host has entered sleep mode (useful for power management). --- ### 4. Typical Application Diagram To use the U60010-R in a circuit, the hardware implementation usually follows this logic: ```mermaid graph LR A[USB Connector] -- D+/D- --> B(U60010-R Bridge) B -- TX/RX --> C[Microcontroller / RS232 Driver] B -- 3.3V OUT --> D[Peripheral Sensors] ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the U60010-R require a specific driver installation for Windows 11?
    • ⤷ What is the maximum current draw of the U60010-R during data transmission?
    • ⤷ How do I program the internal EEPROM to change the Vendor ID?