AI

## Technical Overview: U74LVC00AG-P14-R
The **U74LVC00AG-P14-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It belongs to the **74LVC family**, which is a high-performance, low-voltage CMOS logic series widely used in modern digital electronics.
---
### 1. General Specifications
This part is a **Quadruple 2-Input Positive-NAND Gate**. It contains four independent gates, each performing the Boolean function $Y = \overline{A \cdot B}$.
| Parameter | Details |
| :--- | :--- |
| **Logic Family** | LVC (Low-Voltage CMOS) |
| **Logic Type** | NAND Gate |
| **Number of Circuits** | 4 |
| **Number of Inputs** | 2 per gate |
| **Package Type** | TSSOP-14 |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Key Features and Performance
The "LVC" designation indicates that this part is optimized for low-power, high-speed applications.
* **Voltage Range:** Operates typically from **1.2V to 3.6V**, making it ideal for battery-powered devices.
* **5V Tolerance:** The inputs are 5V tolerant, meaning they can interface with 5V logic even when the chip is powered at 3.3V (excellent for level shifting).
* **High Drive Capability:** It can provide up to ±24mA of output current at 3.0V.
* **Low Power Consumption:** Very low static power dissipation (typically $I_{CC} < 10\mu A$).
* **Speed:** Very low propagation delay (typically around 4.0ns at 3.3V).
---
### 3. Pin Configuration (TSSOP-14)
The P14 suffix refers to the 14-pin TSSOP package. The pinout follows the industry standard for 7400 series NAND gates:
| Pin # | Symbol | Description |
| :--- | :--- | :--- |
| 1, 2 | 1A, 1B | Inputs for Gate 1 |
| 3 | 1Y | Output for Gate 1 |
| 4, 5 | 2A, 2B | Inputs for Gate 2 |
| 6 | 2Y | Output for Gate 2 |
| 7 | GND | Ground (0V) |
| 8 | 3Y | Output for Gate 3 |
| 9, 10 | 3A, 3B | Inputs for Gate 3 |
| 11 | 4Y | Output for Gate 4 |
| 12, 13 | 4A, 4B | Inputs for Gate 4 |
| 14 | $V_{CC}$ | Supply Voltage |
---
### 4. Part Number Decoding
Understanding the UTC nomenclature:
* **U:** Unisonic Technologies (Manufacturer).
* **74LVC:** Logic Family (Low Voltage CMOS).
* **00:** Logic Function (Quad 2-Input NAND).
* **AG:** Halogen-free and RoHS compliant.
* **P14:** Package Code (TSSOP-14).
* **R:** Tape & Reel (Packaging format).
---
### 5. Application Areas
* **Signal Gating:** Controlling the flow of digital signals.
* **Level Translation:** Interfacing between 5V and 3.3V logic systems.
* **Logic Inversion:** By tying both inputs together, a NAND gate functions as a NOT gate.
* **Computing & Peripherals:** Used in motherboards, laptops, and networking gear.
- ⤷What is the maximum propagation delay for this IC at 1.8V?
- ⤷ Can I use the U74LVC00AG to interface a 5V microcontroller with a 3.3V sensor?
- ⤷ What are the equivalent parts from other manufacturers like TI or Nexperia?