AI

## Technical Overview of U74LVC00AG-S14-R
The **U74LVC00AG-S14-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies)**. It belongs to the LVC (Low-Voltage CMOS) family of logic gates.
---
### 1. Basic Specifications
This component is a **Quad 2-Input NAND Gate**. This means it contains four independent gates, each performing the NAND logic function ($Y = \overline{A \cdot B}$).
| Feature | Specification |
| :--- | :--- |
| **Logic Type** | NAND Gate |
| **Number of Circuits** | 4 |
| **Number of Inputs** | 2 per gate |
| **Logic Family** | LVC (Low-Voltage CMOS) |
| **Package Type** | SOP-14 (Small Outline Package) |
| **RoHS Status** | Halogen-Free / Lead-Free |
---
### 2. Electrical Characteristics
The LVC family is designed for high-speed, low-voltage operation, making it ideal for modern battery-powered or energy-efficient electronics.
* **Operating Voltage ($V_{CC}$):** Typically 1.65V to 3.6V.
* **Input Tolerance:** Inputs are 5V tolerant, allowing the chip to interface between 3.3V systems and 5V logic systems (level shifting).
* **Output Current:** High output drive (e.g., $\pm 24mA$ at 3.0V).
* **Propagation Delay:** Very fast, typically under 5ns (depending on load and voltage).
---
### 3. Pinout Configuration (SOP-14)
The device has 14 pins arranged as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 2 | 1A, 1B | Inputs for Gate 1 |
| 3 | 1Y | Output for Gate 1 |
| 4, 5 | 2A, 2B | Inputs for Gate 2 |
| 6 | 2Y | Output for Gate 2 |
| 7 | **GND** | Ground (0V) |
| 8 | 3Y | Output for Gate 3 |
| 9, 10 | 3A, 3B | Inputs for Gate 3 |
| 11 | 4Y | Output for Gate 4 |
| 12, 13 | 4A, 4B | Inputs for Gate 4 |
| 14 | **$V_{CC}$** | Power Supply |
---
### 4. Key Features & Applications
#### Key Features:
* **Low Power Consumption:** Minimal static power draw.
* **Overvoltage Tolerance:** Can handle input signals higher than the supply voltage without damage.
* **ESD Protection:** Built-in protection against electrostatic discharge.
#### Applications:
* **Signal Inversion:** Using a NAND gate as a NOT gate by tying inputs together.
* **Logic Level Shifting:** Translating 5V signals down to 3.3V logic levels.
* **Digital Logic Control:** General-purpose boolean logic in computing and industrial control systems.
---
- ⤷
What is the maximum operating temperature for the U74LVC00AG-S14-R?
- ⤷ Can this IC be used to interface a 5V sensor with a 3.3V microcontroller?
- ⤷ What is the difference between the LVC family and the standard HC family of logic gates?