データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U74LVC1G08L-AF5-R

  • AI
    The **U74LVC1G08L-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **2-input AND gate** belonging to the LVC (Low-Voltage CMOS) family, designed for power-efficient and high-speed digital logic applications. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Logic Type** | AND Gate | | **Number of Inputs** | 2 | | **Package Type** | SOT-25 (AF5) | | **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Output Current** | ±24mA (at 3.0V) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration (SOT-25) The device typically follows the standard 5-pin layout for single-gate logic: 1. **Pin 1 (A):** Data Input 1 2. **Pin 2 (B):** Data Input 2 3. **Pin 3 (GND):** Ground 4. **Pin 4 (Y):** Data Output ($Y = A \cdot B$) 5. **Pin 5 ($V_{CC}$):** Power Supply --- ### 3. Key Technical Features * **$I_{OFF}$ Circuitry:** Supports partial power-down mode operation. This prevents damaging backflow current through the device when it is powered down. * **Voltage Translation:** Because the inputs are tolerant up to 5.5V regardless of the supply voltage ($V_{CC}$), this chip can be used to translate signals from high voltage (5V) down to lower logic levels (3.3V or 1.8V). * **High Drive Capability:** Provides up to 24mA of drive current, making it suitable for driving LEDs or transmission lines. * **Low Power Consumption:** Uses very little static power, ideal for battery-operated handheld devices. --- ### 4. Logic Function The output is **HIGH** (1) only if both inputs are **HIGH** (1). | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | L | | L | H | L | | H | L | L | | H | H | H | --- ### 5. Application Use Cases * **Signal Gating:** Enabling or disabling a clock signal based on a control bit. * **Industrial Controls:** Simple logic decision-making without the need for a microcontroller. * **Mobile Devices:** Space-constrained logic solutions in smartphones and tablets. * **Voltage Level Shifting:** Bridging communication between chips with different operating voltages. ---
    ✨ Follow-up Questions
    • ⤷What are the specific propagation delay values for this chip at 3.3V?
    • ⤷ How does the AF5 package differ from the AL5 package version?
    • ⤷ Can this chip be used to drive a MOSFET gate directly?