データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U74LVC1G14G-AF5-R

  • AI
    The **U74LVC1G14G-AF5-R** is a high-performance, low-voltage CMOS Single Schmitt-Trigger Inverter manufactured by **Unisonic Technologies (UTC)**. It is essentially a functional equivalent to the industry-standard 74LVC1G14. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Function** | Inverter with Schmitt-Trigger Input | | **Technology** | Low Voltage CMOS (LVC) | | **Operating Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24mA (at 3.0V) | | **Propagation Delay ($t_{pd}$)** | ~3.7ns (at 3.3V) | | **Package Type** | SOT-25 (AF5) | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Features 1. **Schmitt-Trigger Action:** The device transforms slowly changing input signals into sharply defined, jitter-free output signals. It has different input threshold levels for positive-going and negative-going signals (Hysteresis). 2. **I-off Protection:** Supports partial power-down mode operation. This prevents damaging current backflow through the device when it is powered down. 3. **High Output Drive:** Capable of driving 24mA at 3V, making it suitable for driving long PCB traces or multiple loads. 4. **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic systems. --- ### ## Pin Configuration (SOT-25) The device typically follows the standard 5-pin layout: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | A | Data Input | | 3 | GND | Ground | | 4 | Y | Data Output | | 5 | Vcc | Supply Voltage | --- ### ## Typical Applications * **Noise Filtering:** Removing noise from slow-moving sensor signals. * **Pulse Shaper:** Squaring up distorted or slow clock edges. * **Oscillators:** Can be used with a resistor and capacitor to create a simple RC relaxation oscillator. * **Level Shifting:** Interfacing between different voltage domains (e.g., translating a 3.3V signal to a 5V system). --- ### ## Code Representation: Truth Table ```markdown | Input (A) | Output (Y) | | :-------: | :--------: | | L | H | | H | L | ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'G' and 'R' suffixes in this part number?
    • ⤷ How does the hysteresis voltage affect signal noise immunity?
    • ⤷ Can this component be used as a simple voltage level shifter?