データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U74LVC1G19L-AL6-R

  • AI
    ### Overview: U74LVC1G19L-AL6-R The **U74LVC1G19L-AL6-R** is a high-performance, low-voltage CMOS device. Specifically, it functions as a **1-of-2 Decoder/Demultiplexer**. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Function** | 1-of-2 Decoder / Demultiplexer | | **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Output Drive Current** | ±24mA at 3.0V | | **Propagation Delay** | ~2.0 ns (typical at 3.3V) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-363 (AL6) | | **Packing** | Tape & Reel (R) | --- ### 2. Functional Description This device features one buffer with a specific input ($A$) and two outputs ($Y_0, Y_1$). It includes an active-low Enable ($\bar{E}$) input. #### Truth Table The logic state of the outputs depends on the Select input ($A$) and the Enable input ($\bar{E}$). | Inputs (Enable $\bar{E}$) | Inputs (Select $A$) | Output $Y_0$ | Output $Y_1$ | | :---: | :---: | :---: | :---: | | L | L | L | H | | L | H | H | L | | H | X | H | H | *Note: **L** = Low Voltage, **H** = High Voltage, **X** = Don't Care.* --- ### 3. Key Features * **Low Power Consumption:** Ideal for battery-operated handheld devices. * **Ioff Circuitry:** Supports partial power-down mode operation. This prevents damaging backflow current through the device when it is powered down. * **High Output Drive:** Capable of driving transmission lines and high capacitive loads. * **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic systems. --- ### 4. Application Areas * **Address Decoding:** Used in microprocessors to select specific memory banks or peripherals. * **Data Routing:** Directing a data signal to one of two possible destinations. * **Signal Gating:** Enabling or disabling specific signal paths in complex circuits. * **Mobile Devices:** Smartphones, tablets, and portable medical equipment due to the small SOT-363 footprint. --- ### 5. Part Number Breakdown `U74LVC1G19L-AL6-R` * **U74LVC:** UTC Low Voltage CMOS family. * **1G:** Single Gate / Single Function device. * **19:** Function code (1-of-2 Decoder). * **L:** Lead-free/Halogen-free. * **AL6:** SOT-363 Package. * **R:** Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the pinout assignments for the SOT-363 package of this device?
    • ⤷ How does the 'Ioff' feature protect the circuit during power-down?
    • ⤷ Can this IC be used as a 1-to-2 demultiplexer for data signals?