データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U74LVC373G-R20-R

  • AI
    ## Technical Overview of U74LVC373G-R20-R The **U74LVC373G-R20-R** is a high-performance, low-voltage CMOS device. It functions as an **Octal Transparent Latch** with 3-state outputs. It is commonly used in computing and communication systems to interface between different voltage levels or to buffer data on a bus. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Octal Transparent D-Type Latch | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage (Vcc)** | 1.65V to 3.6V | | **Input Type** | 5V Tolerant Inputs | | **Output Type** | 3-State (High Impedance mode supported) | | **Output Current** | ±24 mA at 3.0V | | **Package Type** | SSOP-20 / TSSOP-20 (Depending on specific R20 suffix) | | **Propagation Delay** | ~3.5 ns (Typical at 3.3V) | --- ### 2. Functional Description The device contains eight independent D-type latches. It operates based on two primary control signals: 1. **Latch Enable (LE):** * When **High**, the latch is "transparent." Data at the inputs (D) flows directly to the outputs (Q). * When **Low**, the data present at the inputs at the time of the High-to-Low transition is "latched" (stored). 2. **Output Enable ($\overline{OE}$):** * When **Low**, the outputs are active and reflect the stored data. * When **High**, the outputs enter a high-impedance state (High-Z), effectively disconnecting the device from the bus. --- ### 3. Pin Configuration (Typical 20-Pin Layout) | Pin Range | Label | Description | | :--- | :--- | :--- | | 2, 5, 6, 9, 12, 15, 16, 19 | **D0 - D7** | Data Inputs | | 3, 4, 7, 8, 13, 14, 17, 18 | **Q0 - Q7** | Latch Outputs | | 1 | **$\overline{OE}$** | Output Enable (Active Low) | | 11 | **LE** | Latch Enable (Active High) | | 10 | **GND** | Ground | | 20 | **Vcc** | Power Supply | --- ### 4. Distinctive Features * **5V Tolerance:** Even when running at 3.3V, the inputs can safely handle 5V signals, making it an excellent **level shifter**. * **Low Power Consumption:** Uses CMOS technology to ensure minimal static power draw. * **Bus Hold Support:** Many LVC series parts include circuitry to hold the last known state, preventing floating inputs from consuming power. --- ### 5. Application Areas * **Memory Interfacing:** Used to latch addresses from a multiplexed bus. * **Bus Buffering:** Isolating different segments of a digital system to prevent loading issues. * **I/O Expansion:** Increasing the number of output ports available on a microcontroller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'transparent latch' and a 'flip-flop' in this context?
    • ⤷ Can the U74LVC373G be used for voltage translation from 5V logic to 3.3V logic?
    • ⤷ What does the 'R20-R' suffix specifically indicate regarding packaging and reeling?