データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U7SH32-AF5-R

  • AI
    The **U7SH32-AF5-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It is a high-speed CMOS logic gate, specifically a **2-input OR Gate**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Identification | Feature | Specification | | :--- | :--- | | **Function** | 2-Input OR Gate | | **Logic Family** | High-Speed CMOS (74SH / 74VHC equivalent) | | **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) | | **Packing** | Tape & Reel (R suffix) | ### 2. Technical Specifications The "SH" family is generally designed for high-speed performance with low power consumption, compatible with TTL levels in many applications. | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Input Voltage ($V_{IN}$)** | 0V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA (at 4.5V) | | **Propagation Delay ($t_{pd}$)** | ~3.8ns (at 5V, Typical) | | **Operating Temperature** | -40°C to +85°C | ### 3. Logic Representation The device performs the Boolean function **$Y = A + B$**. The output is HIGH if either input A or input B is HIGH. #### Truth Table | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | L | | L | H | H | | H | L | H | | H | H | H | ### 4. Pin Configuration (SOT-25) Standard 5-pin layout for single-gate logic: 1. **Pin 1:** Input B 2. **Pin 2:** Input A 3. **Pin 3:** Ground (GND) 4. **Pin 4:** Output Y 5. **Pin 5:** Supply Voltage ($V_{CC}$) --- ### 5. Key Features * **Overvoltage Tolerant Inputs:** The inputs can withstand up to 5.5V regardless of the supply voltage, making it excellent for voltage level translation (e.g., 5V to 3.3V). * **Low Power Dissipation:** Typical of CMOS technology, it consumes very little static power. * **High Noise Immunity:** Designed to provide stable switching in noisy electronic environments. ### 6. Common Applications * **Signal Combining:** Merging status signals or interrupt lines. * **Logic Level Shifting:** Interfacing between different voltage domains. * **Pulse Shaping:** Cleaning up digital signals in high-speed communication. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the U7SH32 and the standard 74HC32?
    • ⤷ Can the U7SH32-AF5-R be used for 5V to 3.3V level conversion?
    • ⤷ What is the physical footprint size of the AF5 (SOT-25) package?