データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • U9751BL-R16-R

  • AI
    The **U9751BL-R16-R** is an electronic component typically categorized as a **Hall Effect Switch** or a specific integrated circuit (IC) used for sensing magnetic fields. These parts are commonly manufactured by companies like **Unisonic Technologies (UTC)**. Below is a detailed breakdown of its specifications, pin configuration, and typical applications. --- ## 1. General Specifications The U9751 series is designed for magnetic sensing with high sensitivity and stability over a wide temperature range. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Hall Effect Sensor / Switch | | **Operation Type** | Bipolar Latch / Unipolar (Depends on Sub-variant) | | **Supply Voltage ($V_{CC}$)** | 2.5V to 24V | | **Output Current** | ~25mA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23 / SIP-3 (Check specific suffix) | --- ## 2. Key Technical Features * **Wide Voltage Range:** Compatible with both low-voltage logic and industrial 24V systems. * **Reverse Polarity Protection:** Protects the device if the power supply is connected incorrectly. * **Open-Drain Output:** Allows for easy interfacing with different logic levels (TTL/CMOS) using a pull-up resistor. * **Magnetic Stability:** High resistance to mechanical stress and thermal drift. --- ## 3. Pin Configuration For the common SOT-23 package variant, the pinout is generally as follows: | Pin Number | Name | Description | | :---: | :--- | :--- | | 1 | **$V_{CC}$** | Input Power Supply | | 2 | **OUT** | Output Signal (Open Drain) | | 3 | **GND** | Ground | --- ## 4. Typical Application Circuit To use this part, a pull-up resistor is required on the output pin because it acts as a switch to ground. ```c VCC (5V - 24V) ---------+--------- [Pin 1] | [Pull-up Resistor] (e.g., 10k) | Output Signal <---------+--------- [Pin 2] [Pin 3] --------- GND ``` --- ## 5. Common Applications * **BLDC Motors:** Used for rotor position sensing to time electronic commutation. * **Speed Sensing:** Measuring the RPM of fans, wheels, or gears. * **Proximity Switching:** Detecting the opening/closing of lids, doors, or safety interlocks. * **Magnetic Encoders:** Converting rotational motion into digital pulses.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Latch and a Switch Hall Effect sensor?
    • ⤷ How do I calculate the correct Pull-up resistor value for this IC?
    • ⤷ Are there equivalent replacement parts for the U9751 series from other manufacturers?