データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UAS16VG-AE2-R

  • AI
    ### Overview of the UAS16VG-AE2-R The **UAS16VG-AE2-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** high-speed switching diode or an ESD protection array, depending on the manufacturer (most commonly associated with brands like *Union Semiconductor* or similar specialized discrete semiconductor firms). It is designed for high-density circuit protection and signal integrity in modern electronic devices. --- ### Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | TVS Diode Array / ESD Protection | | **Package Type** | SOT-26 / SC-74 (Small Outline Transistor) | | **Working Voltage** | Typically 5V (Reverse Standoff Voltage) | | **Capacitance** | Ultra-low (often < 1.0 pF) to maintain signal integrity | | **Number of Lines** | Multiple (usually 4 to 5 lines of protection) | | **Polarity** | Uni-directional or Bi-directional (model specific) | | **Compliance** | RoHS compliant, Lead-free | --- ### Key Electronic Features 1. **ESD Protection:** It is engineered to protect sensitive electronic circuits from Electrostatic Discharge (ESD) according to **IEC 61000-4-2** standards. It can handle high kV strikes (typically up to 15kV air and 8kV contact). 2. **Ultra-Low Capacitance:** The "VG" series often signifies a focus on high-speed data lines. Because the capacitance is extremely low, it does not distort high-frequency signals, making it suitable for USB 2.0/3.0 or HDMI ports. 3. **Fast Response Time:** The component switches to a conducting state in nanoseconds (sub-1ns) once the breakdown voltage is exceeded, shunting the surge to the ground before it reaches the IC. --- ### Pin Configuration & Application #### Typical Application Circuit In a standard USB or Data port application, the pins are connected as follows: * **Data Lines:** Connected to the I/O pins of the UAS16VG. * **Ground (GND):** Connected to the central ground pin to dissipate the surge. * **Vcc:** Sometimes used for clamping reference. #### Common Uses: * **Mobile Handsets:** Protection for SIM cards and keypads. * **Computers:** USB 2.0 and DVI ports. * **Consumer Electronics:** Digital cameras and MP3 players. --- ### Identification and Marking The suffix **-R** usually denotes **Tape and Reel** packaging, which is the standard format for automated pick-and-place assembly machines in mass production.
    ✨ Follow-up Questions
    • ⤷ What are the exact capacitance ratings for the UAS16VG-AE2-R?
    • ⤷ Can this component be used for USB 3.0 high-speed data lines?
    • ⤷ What is the equivalent replacement for this part from other manufacturers like ON Semi or Diodes Inc?