データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UB2016L-AA-AF5-R

  • AI
    The **UB2016L-AA-AF5-R** is a specific integrated circuit, typically categorized as a high-precision, low-dropout (LDO) linear voltage regulator. It is manufactured by **UTC (Unisonic Technologies Co., Ltd)**. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The part number follows UTC’s nomenclature, where "UB2016" refers to the series and the suffixes denote specific output voltages, tolerances, and packaging. | Feature | Description | | :--- | :--- | | **Component Type** | LDO Linear Voltage Regulator | | **Output Type** | Fixed Output | | **Output Voltage** | 1.6V (indicated by '2016') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **RoHS Status** | Lead-Free / Halogen-Free (indicated by 'L' and 'R') | | **Main Function** | Regulating a higher input voltage down to a stable 1.6V with minimal energy loss. | --- ### 2. Pin Configuration (SOT-25) Standard UTC LDOs in the SOT-25 package usually follow this pinout: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No Connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage (1.6V) | --- ### 3. Key Electronic Characteristics These devices are designed for portable and battery-operated electronics where efficiency and space are critical. * **Low Dropout Voltage:** Operates effectively even when the input voltage is only slightly higher than the output voltage (typically < 300mV at full load). * **High PSRR:** Excellent Power Supply Rejection Ratio, which helps filter out noise from the input power source, making it ideal for RF and sensitive analog circuits. * **Low Quiescent Current:** Consumes very little power during standby or light-load conditions, extending battery life. * **Protective Features:** * *Thermal Shutdown:* Prevents the chip from burning out if it overheats. * *Current Limiting:* Protects the device during a short circuit or over-current event. --- ### 4. Part Number Breakdown Understanding the suffix codes helps in sourcing replacements: * **UB2016**: Series Name (1.6V Output). * **L**: Lead-Free (Green product). * **AA**: Specific version/accuracy grade. * **AF5**: Package code for **SOT-25**. * **R**: Tape & Reel packaging (for automated PCB assembly). --- ### 5. Common Applications * Mobile Phones and Smartphones * Battery-powered handheld equipment * Laptop and Tablet peripherals * Reference voltage sources for ADCs/DACs
    ✨ Follow-up Questions
    • What is the maximum input voltage for the UB2016L series?
    • Can this LDO be used for 1.8V to 1.6V conversion?
    • What are the recommended capacitor values for the VIN and VOUT pins?