データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UB6054L-AF5-R

  • AI
    ## Technical Overview of UB6054L-AF5-R The **UB6054L-AF5-R** is a specific integrated circuit (IC) manufactured by **UTC (Unisonic Technologies)**. It is primarily used as a high-precision battery protection or power management component, specifically categorized as a **LDO (Low Dropout Regulator)** or a **Voltage Detector/Reference** depending on the specific application circuit. --- ### 1. Key Technical Specifications Below are the typical specifications for this component: | Parameter | Value / Description | | :--- | :--- | | **Manufacturer** | Unisonic Technologies (UTC) | | **Package Type** | SOT-25 / SOT-23-5 | | **Output Voltage** | Fixed (Varies by sub-model, typically indicated by suffix) | | **Dropout Voltage** | Low Dropout (LDO) design | | **Pin Count** | 5 Pins | | **RoHS Status** | Lead-free / Halogen-free (denoted by "L" and "R") | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the part's characteristics: * **UB6054**: The base model number, generally referring to the series of power management ICs. * **L**: Indicates **Lead-Free** (RoHS compliant). * **AF5**: Refers to the **SOT-25** package type (a 5-pin surface mount package). * **R**: Indicates the packaging method (**Tape and Reel**). --- ### 3. Pin Configuration (Typical SOT-25) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **CHRG** | Charge Status Output / Monitoring | | 2 | **VSS** | Ground | | 3 | **BAT** | Battery Connection (Supply/Sense) | | 4 | **VCC** | Input Supply Voltage | | 5 | **PROG** | Charge Current Program / Output Control | --- ### 4. Typical Applications The UB6054 series is commonly found in small electronic devices that require efficient power distribution or battery charging management, such as: * **Portable Electronics:** Bluetooth headsets, smartwatches, and MP3 players. * **Battery Chargers:** Constant-current/constant-voltage (CC/CV) linear chargers for single-cell lithium-ion batteries. * **Power Supply Regulation:** Providing stable voltage to microcontrollers or sensors. --- ### 5. Features * **No External MOSFET/Sense Resistor Required:** Simplifies PCB design. * **Thermal Regulation:** Includes protection to prevent overheating during high power operation. * **Small Footprint:** The SOT-25 package is ideal for space-constrained designs.
    ✨ Follow-up Questions
    • ⤷ What are the maximum input voltage ratings for the UB6054 series?
    • ⤷ Can this IC be used for multi-cell Lithium battery charging?
    • ⤷ What are the recommended thermal management practices for SOT-25 packages?