データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UCD3138ARMHT

  • AI
    ### Overview of the UCD3138ARMHT The **UCD3138ARMHT** is a highly integrated **Digital Power Supply Controller** manufactured by Texas Instruments. It belongs to the UCD3138 family, designed specifically to manage isolated power conversion topologies (like PSFB, LL-C, and interleaved PFC) using a dedicated hardware-based digital control loop. --- ### Core Internal Electronic Parts The architecture of the UCD3138 is unique because it combines the flexibility of a microcontroller with the speed of dedicated hardware logic. #### 1. Digital Control Loop Peripherals (The "Hard" Logic) Unlike standard MCUs that use software to calculate PWM duty cycles, the UCD3138 uses specialized hardware blocks: * **Error ADC (EADC):** A high-speed, high-resolution ADC specifically for measuring the difference between the feedback voltage and the reference. * **Digital Filter (CLA):** A hardware-based 2nd order or 3rd order compensator that processes the EADC output to stabilize the loop without CPU intervention. * **Digital PWM (DPWM):** High-resolution outputs (up to 250ps resolution) that drive the power MOSFETs based on the filter output. #### 2. The ARM Microcontroller Core * **Core Type:** ARM7TDMI-S. * **Function:** It handles "slow" tasks such as system initialization, communication (PMBus/I2C), telemetry monitoring, and fault management logic. It does **not** sit in the high-speed feedback loop. #### 3. Memory Subsystem | Memory Type | Size | Purpose | | :--- | :--- | :--- | | **Flash** | 32 KB | Stores the main application firmware. | | **ROM** | 8 KB | Contains bootloader and basic mathematical functions. | | **RAM** | 2 KB | Used for data variables and stack during execution. | #### 4. Analog & Mixed-Signal Blocks * **General Purpose ADC (12-bit):** Used for monitoring temperature, input voltage ($V_{in}$), and output current ($I_{out}$). * **Analog Comparators:** High-speed hardware protection for Over-Current (OCP) and Over-Voltage (OVP) that can shut down PWMs instantly. * **Internal Temperature Sensor:** For thermal management and protection. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage ($V_{dd}$)** | 3.0V to 3.6V | | **Package** | 40-pin VQFN (6mm x 6mm) | | **Communication** | PMBus, I2C, UART | | **PWM Channels** | 8 Outputs (grouped in 4 pairs) | | **Operating Temp** | -40°C to 125°C | --- ### Applications The UCD3138ARMHT is typically found in high-efficiency electronic systems such as: * **Server Power Supplies:** 80 Plus Platinum/Titanium rated units. * **Telecom Rectifiers:** High-density AC/DC converters. * **DC-DC Modules:** Isolated bricks (1/4 or 1/8 brick). * **On-board Chargers (OBC):** For electric vehicles. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between UCD3138 and UCD3138A variants?
    • ⤷ How do you program the firmware for the UCD3138 using PMBus?
    • ⤷ Which power topologies are best suited for the DPWM modules in this chip?