データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UD05124L-AF5-R

  • AI
    The **UD05124L-AF5-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Regulator** manufactured by UTC (Unisonic Technologies). It is designed to provide a stable output voltage with high efficiency in low-power applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | LDO Linear Voltage Regulator | | **Output Voltage** | 1.2V (Fixed) | | **Output Current** | 400mA - 500mA (Typical Max) | | **Input Voltage Range** | Up to 6.0V | | **Package Type** | SOT-25 / SOT-23-5 | | **Quiescent Current** | Low (typically < 100µA) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the exact variant: - **UD05**: Series designation (LDO Regulator). - **12**: Indicates the output voltage (1.2V). - **L**: Lead-free/RoHS compliant. - **AF5**: Package code (SOT-25). - **R**: Tape and Reel packaging. --- ### 3. Pin Configuration (Typical SOT-25) In a standard AF5 (SOT-25) package, the pinout generally follows this structure: 1. **VIN**: Input Voltage. 2. **GND**: Ground. 3. **EN (Enable)**: High = On, Low = Off (Power saving). 4. **NC/BYP**: No connection or Bypass capacitor for noise reduction. 5. **VOUT**: Regulated 1.2V Output. --- ### 4. Typical Applications This part is commonly used in battery-operated or portable electronics where stable, low-voltage power rails are required: * **Microcontrollers (MCUs):** Powering the core logic of low-voltage processors. * **IoT Devices:** Providing stable power for sensors and RF modules. * **Mobile Handsets:** Post-regulation for sensitive analog circuits. * **Digital Cameras:** Managing power for image processors. --- ### 5. Design Considerations * **Capacitor Selection:** Like most LDOs, it requires an output capacitor (usually ceramic, 1.0µF to 4.7µF) for stability and to handle load transients. * **Thermal Dissipation:** Since it is a linear regulator, the power dissipated as heat is calculated as $P = (V_{in} - V_{out}) \times I_{out}$. Ensure the SOT-25 package can dissipate the heat generated by your specific voltage drop.
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage for the UD05124L series?
    • ⤷ How does the 'Enable' pin function in this specific LDO?
    • ⤷ What are the recommended values for input and output capacitors for this part?