データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UD4840L-S08-R

  • AI
    The **UD4840L-S08-R** is a high-performance, N-Channel enhancement mode Power MOSFET manufactured by UTC (Unisonic Technologies Co., Ltd). It is commonly used in power management applications due to its low on-state resistance and efficient switching capabilities. --- ### ## Technical Specifications The following table outlines the key electrical characteristics of the UD4840L-S08-R: | Parameter | Symbol | Maximum Rating | | :--- | :---: | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | 11 A | | **Pulsed Drain Current** | $I_{DM}$ | 44 A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 12 mΩ (at $V_{GS}=10V$) | | **Total Gate Charge** | $Q_g$ | 16 nC (Typ.) | | **Package Type** | SOP-8 | Surface Mount | --- ### ### Key Features and Internal Structure The device is built using advanced trench technology, which provides several advantages: 1. **Low $R_{DS(ON)}$:** Minimizes power dissipation during the "on" state, making it highly efficient. 2. **Fast Switching Speed:** The low gate charge allows for rapid transitions between states, reducing switching losses. 3. **SOP-8 Package:** A compact, industry-standard surface-mount package that allows for automated assembly and high-density PCB layouts. 4. **Halogen-Free:** The "L" in the part number typically denotes a lead-free/halogen-free construction, adhering to environmental standards. --- ### ### Typical Applications Because of its balance between voltage capacity and current handling, this MOSFET is frequently found in: * **DC-DC Converters:** Used as a switching element in buck or boost regulators. * **Power Management:** Battery protection circuits and power distribution switches. * **Motor Control:** Small DC motor drivers and brushless motor controllers. * **LCD Backlighting:** Driving LED strings in display panels. --- ### ### Pin Configuration (SOP-8) In a standard SOP-8 package for a single N-Channel MOSFET, the pinout is generally as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | Current exits the device here | | 4 | **Gate (G)** | Controls the turning on/off of the MOSFET | | 5, 6, 7, 8 | **Drain (D)** | Current enters the device here |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UD4840L?
    • ⤷ Can this MOSFET be used for high-frequency PWM applications?
    • ⤷ What is the thermal resistance rating for the SOP-8 package in this device?