データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UDS-10-R

  • AI
    The **UDS-10-R** is an ultra-compact, high-precision non-contact ultrasonic displacement sensor. It is primarily used in industrial automation for measuring distances to objects (liquid or solid) using high-frequency sound waves. Below is an explanation of its electronic components, specifications, and wiring. --- ### 1. Core Electronic Components The UDS-10-R functions through a combination of analog and digital circuitry: | Component | Function | | :--- | :--- | | **Piezoelectric Transducer** | Converts electrical energy into high-frequency ultrasonic pulses and vice-versa. | | **Microcontroller (MCU)** | Calculates the "Time of Flight" (ToF) and converts it into a linear output signal. | | **Signal Amplifier** | Boosts the weak echo signal received by the transducer for processing. | | **Temperature Sensor** | Compensates for the speed of sound variations caused by ambient temperature changes. | --- ### 2. Electrical Specifications The device is designed for low power consumption and standard industrial voltage levels. | Parameter | Value/Specification | | :--- | :--- | | **Supply Voltage (VDC)** | 12V to 24V DC | | **Current Consumption** | ≤ 30mA | | **Output Type** | Analog (0-5V or 4-20mA) and Digital (RS485) | | **Resolution** | 0.1 mm | | **Response Time** | < 50ms | | **Connection Type** | M12 Connector (4-pin or 5-pin) | --- ### 3. Wiring and Pinout The UDS-10-R typically uses a standard color-coded cable for integration into PLCs or Data Acquisition systems. #### Typical 4-Wire Configuration: 1. **Brown:** Power Positive (+12V to +24V) 2. **Blue:** Power Negative (0V / GND) 3. **White:** Analog Output (Voltage or Current signal) 4. **Black:** Communication (RS485-A or Control Trigger) --- ### 4. Operational Logic (Signal Processing) The electronics follow a specific sequence to ensure accuracy: 1. **Pulse Emission:** The MCU triggers the transducer to emit a 40kHz (or higher) sound wave. 2. **Blanking Zone:** The electronics "ignore" signals for the first few centimeters (Dead Zone) to prevent self-interference. 3. **Echo Detection:** The receiver waits for the reflected wave. 4. **Linearization:** The internal circuitry converts the time difference into a proportional 4-20mA or 0-5V signal, mapped to the programmed measuring range (e.g., 100mm to 1000mm).
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the UDS-10-R?
    • ⤷ How does environmental temperature affect the sensor's accuracy?
    • ⤷ Can the UDS-10-R be programmed via RS485 for custom distance ranges?