データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UDS-2A-R

  • AI
    The **UDS-2A-R** is an ultra-compact, high-precision piezoelectric motor driver/controller designed for ultrasonic motors. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications The electronic performance of the UDS-2A-R is defined by its ability to convert low-voltage DC input into high-frequency AC signals required to drive piezoelectric ceramics. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 5V DC to 24V DC | | **Output Frequency** | 30 kHz to 500 kHz (Adjustable) | | **Control Interface** | RS-485, Step/Direction, or Analog | | **Output Voltage** | Up to 200Vp-p (via internal transformer) | | **Current Consumption** | Max 1.5A at peak load | | **Resolution** | Sub-micron (depends on encoder feedback) | --- ## 2. Main Electronic Blocks The circuitry of the UDS-2A-R is divided into four primary functional stages: ### A. Power Management Stage * **DC-DC Converter:** Steps up the input voltage (e.g., 12V) to a higher intermediate rail. * **Filtering:** Employs low-ESR capacitors to minimize ripple current, ensuring stable ultrasonic oscillations. ### B. Signal Generation & Logic * **MCU/FPGA:** A high-speed microcontroller manages the control loops. It handles the PID algorithm for positioning and frequency tracking. * **DDS (Direct Digital Synthesis):** Used to generate precise sine or square waves. This is critical because piezoelectric motors are highly sensitive to frequency shifts; even a 1kHz deviation can cause significant torque loss. ### C. The Driver Bridge (Output Stage) * **H-Bridge / Half-Bridge:** Utilizes high-frequency MOSFETs to switch the voltage. * **Inductor/Transformer Matching:** Piezoelectric motors are capacitive loads. The UDS-2A-R contains an internal matching transformer or inductor to create a resonant circuit, maximizing power transfer and smoothing the waveform into a sine wave. ### D. Feedback & Protection * **Encoder Interface:** Supports differential or single-ended TTL signals for closed-loop positioning. * **Thermal Protection:** Built-in thermistors to monitor the temperature of the drive MOSFETs. * **Current Sensing:** Monitors for over-current conditions if the motor stalls. --- ## 3. Communication and I/O Pinout The electronics interface with external systems through a multi-pin connector (typically a Molex or Hirose type). | Pin Category | Function | Description | | :--- | :--- | :--- | | **Power** | VCC / GND | Main power supply input. | | **Communication** | A / B (RS-485) | Serial protocol for parameter tuning and motion commands. | | **Pulse** | Step / Dir | Standard CNC-style interface for movement. | | **Motor Output** | Phase A / Phase B | High-voltage AC output to the piezo ceramic elements. | --- ## 4. Operational Characteristics Unlike electromagnetic motors, the UDS-2A-R electronics focus on **Frequency Tracking**. As the motor heats up, its resonant frequency shifts. The UDS-2A-R electronics automatically "track" this resonance to maintain constant speed and efficiency.
    ✨ Follow-up Questions
    • ⤷ How does the UDS-2A-R handle frequency tracking for resonant motors?
    • ⤷ What are the specific wiring requirements for the RS-485 interface?
    • ⤷ Can this controller be used with non-piezoelectric ultrasonic motors?