データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UDS-C4-R.

  • AI
    The **UDS-C4-R** is an industrial-grade USB Device Server designed by **Lantronix**. It allows high-speed USB peripherals (like printers, scanners, or specialized industrial tools) to be accessed and managed over a standard IP network. Below is a breakdown of the electronic components and architecture of the device. --- ### 1. Core Hardware Specifications The internal electronics are designed for reliability in commercial or light-industrial environments. | Component | Specification | Description | | :--- | :--- | :--- | | **Processor** | 32-bit CPU | Handles the TCP/IP stack and USB data encapsulation. | | **RAM** | 8 MB SDRAM | Buffers data during transmission to prevent packet loss. | | **Flash Memory** | 2 MB Flash | Stores the embedded operating system and configuration settings. | | **Ports** | 4 x USB 2.0 (Hi-Speed) | Supports data rates up to 480 Mbps. | | **Network Interface** | 10/100 Mbps RJ45 | Auto-sensing Ethernet port for network connectivity. | --- ### 2. Key Electronic Subsystems #### A. USB Controller Logic The device features a high-performance USB hub controller that supports: * **Isochronous Data Transfer:** Essential for audio/video streaming devices. * **Bulk/Interrupt Transfer:** Used for scanners, printers, and laboratory equipment. * **Power Distribution:** Each port typically provides the standard 500mA current, though external power input is required to drive all four ports simultaneously. #### B. Power Management The UDS-C4-R uses a DC power input circuit (typically 5V DC). Internal voltage regulators step down the voltage for the CPU and logic chips while maintaining a stable 5V rail for the USB ports to ensure peripheral stability. #### C. Network Stack (TCP/IP) The electronic firmware enables "USB over IP." It encapsulates USB Request Blocks (URBs) into TCP/IP packets. This allows a remote computer to see the networked device as if it were plugged directly into a local USB port. --- ### 3. Physical & Interface Indicators The PCB (Printed Circuit Board) includes several visual diagnostic components: * **Status LEDs:** * **Power:** Indicates if the internal rail is active. * **Link/Activity:** Shows Ethernet connection status. * **USB Port Status:** Individual LEDs for each of the 4 ports to indicate if a device is enumerated and active. * **Reset Button:** A physical momentary switch connected to the CPU's hardware reset pin to restore factory defaults. --- ### 4. Environmental & Protection Electronics The device is built with industrial protections that standard consumer USB hubs lack: * **ESD Protection:** Shielding against Electrostatic Discharge on USB and Ethernet lines. * **Galvanic Isolation:** Often included on the Ethernet side to prevent ground loops between the network and the USB peripherals.
    ✨ Follow-up Questions
    • ⤷ How does the UDS-C4-R handle USB power consumption for high-draw devices?
    • ⤷ What software is required on the host PC to communicate with this hardware?
    • ⤷ Can the UDS-C4-R be used for USB licensing dongles over a network?