データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ULQ2001

  • AI
    ## ULQ2001: High-Voltage, High-Current Darlington Transistor Array The **ULQ2001** is a specialized integrated circuit designed to bridge the gap between low-power logic circuits (like microcontrollers) and high-power loads (like motors or relays). It consists of seven NPN Darlington pairs. --- ### 1. Key Internal Components Each of the seven channels in the ULQ2001 contains several critical electronic parts: | Component | Function | | :--- | :--- | | **Darlington Pair** | Two NPN transistors connected to provide very high current gain. | | **Base Resistor** | Built-in resistor to allow direct connection to 5V logic without external resistors. | | **Clamp Diodes** | Integrated "Flyback" diodes to protect the chip from inductive spikes. | | **Common Emitter** | All seven pairs share a common ground pin (Pin 8). | --- ### 2. Technical Specifications The ULQ2001 is often preferred over the standard ULN2003 for automotive or industrial applications due to its ruggedness. | Parameter | Value | | :--- | :--- | | **Output Current ($I_C$)** | 500 mA (per channel) | | **Output Voltage ($V_{CE}$)** | Up to 50 V | | **Input Logic** | TTL, CMOS (5V Compatible) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Types** | DIP-16, SO-16 | --- ### 3. How the "Darlington Pair" Works The core of the ULQ2001 is the **Darlington Configuration**. * **Current Gain ($\beta$):** The total gain is roughly the product of the two individual transistors ($\beta_1 \times \beta_2$). This allows a tiny microampere signal from a GPIO pin to switch a half-ampere load. * **Voltage Drop:** Because there are two base-emitter junctions, the saturation voltage ($V_{CE(sat)}$) is higher than a single transistor (typically ~1.1V to 1.3V at 350mA). --- ### 4. Typical Application Circuit The ULQ2001 is most commonly used to drive inductive loads. ```text Microcontroller (5V) ---> [Pin 1: Input 1] [ULQ2001] [Pin 16: Output 1] ---> Relay Coil | VCC (12V) -------------------------------------------------------------------+ | [Pin 9: COM] <---------------------------------------------------------------+ ``` * **Pin 9 (COM):** Must be connected to the positive supply of the load. This activates the internal clamp diodes to prevent the back-EMF from the relay coil from destroying the transistors. --- ### 5. Common Use Cases 1. **Relay Drivers:** Controlling multiple mechanical relays. 2. **Stepper Motors:** Driving the phases of a unipolar stepper motor. 3. **LED Matrix:** Switching high-brightness LED arrays. 4. **Solenoids:** Actuating valves in industrial automation.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the ULQ2001 and the ULN2003?
    • ⤷ How do I calculate the power dissipation if I use all seven channels simultaneously?
    • ⤷ Can the outputs be connected in parallel to drive a load higher than 500mA?