データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UPC1663

  • AI
    ## Overview of the uPC1663 The **uPC1663** is a high-performance differential amplifier integrated circuit (IC) manufactured by Renesas (formerly NEC). It is specifically designed as a wideband video amplifier, commonly used in high-frequency communication systems and video signal processing. --- ### Key Specifications and Characteristics The following table summarizes the primary electrical characteristics of the uPC1663: | Feature | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 120 MHz (Typical) | | **Voltage Gain** | 38 dB (Typical) | | **Differential Gain** | 0.5% | | **Differential Phase** | 0.5 degrees | | **Input Impedance** | 100 kΩ | | **Output Impedance** | 20 Ω | | **Supply Voltage** | ±5V to ±6V | --- ### Internal Circuit Blocks The uPC1663 consists of several critical electronic stages that allow it to function as a stable, high-gain amplifier: 1. **Input Differential Stage:** Employs a high-impedance differential pair to accept signals while rejecting common-mode noise. 2. **Gain Stage:** Uses internal feedback loops to maintain a stable gain of approximately 38 dB across a wide frequency range. 3. **Emitter Follower Output:** Provides a low-impedance output, allowing the IC to drive capacitive loads or subsequent filter stages without significant signal degradation. 4. **Internal Biasing:** Includes internal resistor networks to stabilize the operating point against temperature fluctuations. --- ### Pin Configuration (8-Pin Package) Typically found in a SOIC-8 or DIP-8 package, the pinout is as follows: 1. **G1A:** Gain Adjust (External resistor connection) 2. **Input 1:** Non-inverting Input 3. **Input 2:** Inverting Input 4. **V- (Vee):** Negative Power Supply 5. **G1B:** Gain Adjust (Partner to Pin 1) 6. **Output 2:** Inverting Output 7. **Output 1:** Non-inverting Output 8. **V+ (Vcc):** Positive Power Supply --- ### Typical Application Circuit In a standard application, the uPC1663 is used as a differential-to-differential amplifier. Below is a conceptual representation of its integration: ```text Vcc (+6V) | [0.1uF Cap] | [Input+]--[ uPC1663 ]--[Output+] [Input-]--[ ]--[Output-] | [0.1uF Cap] | Vee (-6V) ``` **Design Notes:** * **Decoupling:** High-frequency bypass capacitors (0.1µF ceramic) are mandatory near the Vcc and Vee pins to prevent oscillation. * **Gain Adjustment:** While the gain is internally set, it can be slightly modified by placing a resistor between the Gain Adjust pins (G1A and G1B). * **Termination:** To maintain signal integrity at 120MHz, input and output lines should be impedance-matched (typically 50Ω or 75Ω). ---
    ✨ Follow-up Questions
    • ⤷ What are the common alternatives to the uPC1663 for modern video applications?
    • ⤷ How do you calculate the external resistor value for gain adjustment in this IC?
    • ⤷ Can the uPC1663 operate on a single-rail power supply?