データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UPC1663GV

  • AI
    ## Overview of the uPC1663GV The **uPC1663GV** is a monolithic silicon integrated circuit designed as a **differential wideband video amplifier**. Developed by Renesas (formerly NEC), it is specifically engineered for high-frequency applications, particularly in video processing and disk drive read-circuitry. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the uPC1663GV: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Bandwidth (-3dB)** | 120 | MHz | | **Voltage Gain ($A_v$)** | 38 | dB | | **Supply Voltage ($V_{CC}$)** | $\pm 5$ or $+10$ | V | | **Power Dissipation ($P_D$)** | 330 | mW | | **Input Impedance** | 20 | k$\Omega$ | | **Output Impedance** | 20 | $\Omega$ | | **Package Type** | 8-pin SSOP | - | --- ### 2. Internal Architecture and Pinout The uPC1663GV utilizes a balanced differential input/output structure. This design is crucial for rejecting common-mode noise and ensuring signal integrity at high frequencies. #### Pin Configuration: 1. **Gain Adj (1 & 8):** Used to adjust the gain via an external resistor. 2. **Input (2 & 3):** Differential inputs ($In+$ and $In-$). 3. **Ground (4):** $V_{EE}$ or Ground. 4. **Output (5 & 6):** Differential outputs ($Out-$ and $Out+$). 5. **$V_{CC}$ (7):** Positive supply voltage. --- ### 3. Core Electronic Features * **Gain Adjustment:** While the chip has a fixed internal gain, the gain can be fine-tuned by connecting an external resistor across pins 1 and 8. * **High Speed:** With a 120 MHz bandwidth, it can handle high-definition video signals and fast pulse transitions without significant distortion. * **Low Phase Distortion:** The differential topology ensures minimal group delay, which is critical for maintaining "sharpness" in video signals. * **Small Footprint:** The "GV" suffix denotes the 8-pin SSOP (Shrink Small Outline Package), making it ideal for compact electronic assemblies. --- ### 4. Typical Applications The electronic properties of the uPC1663GV make it suitable for: * **Magnetic Storage:** As a pre-amplifier for Hard Disk Drive (HDD) read heads. * **Video Equipment:** Signal amplification in high-resolution monitors and professional video switchers. * **Communications:** Intermediate Frequency (IF) amplification in radio receivers. * **Instrumentation:** Front-end amplification for high-speed sensors. --- ### 5. Application Circuit Example To utilize the device, a typical configuration involves decoupling capacitors on the power supply lines to prevent oscillation. ```markdown Vcc (+5V) ----[ 0.1uF Cap ]---- Pin 7 Input (+) ----[ 10uF Cap ]---- Pin 3 Input (-) ----[ 10uF Cap ]---- Pin 2 Gain Res ----[ Resistor ]---- Connects Pin 1 to Pin 8 ```
    ✨ Follow-up Questions
    • ⤷ How does the external resistor value affect the gain calculation for the uPC1663GV?
    • ⤷ What are the primary differences between the uPC1663GV and the uPC1663G?
    • ⤷ Can this IC be used with a single-ended power supply instead of a dual supply?