データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • US-HA-R

  • AI
    The **US-HA-R** is a specific ultrasonic sensor module frequently used in industrial automation and DIY electronics for distance measurement and obstacle detection. It is often considered a variant or an upgrade of the popular HC-SR04 sensor, optimized for higher reliability. --- ### Core Electronic Components The US-HA-R consists of several critical internal components that manage the transmission, reception, and processing of ultrasonic waves. | Component | Function | | :--- | :--- | | **Ultrasonic Transmitter (T)** | Converts electrical energy into 40kHz ultrasonic sound bursts. | | **Ultrasonic Receiver (R)** | Detects the reflected echo and converts it back into a low-voltage electrical signal. | | **Microcontroller (MCU)** | Coordinates the timing between the "Trigger" and "Echo" pulses. | | **MAX232 or Dual Op-Amp** | Amplifies the weak incoming signal from the receiver so the MCU can read it. | | **Crystal Oscillator** | Provides a stable clock frequency (usually 4MHz or 8MHz) for precise timing. | --- ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Operating Voltage** | DC 5V | | **Operating Current** | 15mA | | **Frequency** | 40kHz | | **Max Range** | 400cm (4 meters) | | **Min Range** | 2cm | | **Trigger Signal** | 10µs TTL pulse | --- ### Pin Configuration The module features a standard 4-pin interface compatible with most microcontrollers like Arduino, ESP32, or Raspberry Pi. 1. **VCC**: Power input (5V). 2. **Trig (Trigger)**: Input pin. When pulled high for 10 microseconds, the sensor sends out an ultrasonic burst. 3. **Echo**: Output pin. This pin stays high for the duration it takes for the sound wave to travel to an object and back. 4. **GND**: Ground connection. --- ### How it Works (The Logic) 1. **Triggering**: The user sends a 10µs pulse to the **Trig** pin. 2. **Emission**: The internal circuit sends eight pulses of 40kHz sound. 3. **Reception**: If an object is in range, the sound reflects back to the **Receiver**. 4. **Calculation**: The **Echo** pin outputs a high signal. The distance is calculated using the speed of sound: ```cpp // Formula for distance in centimeters Distance = (Time_High_on_Echo_Pin * 0.034) / 2; ``` ---
    ✨ Follow-up Questions
    • ⤷How does the US-HA-R differ from the standard HC-SR04?
    • ⤷ What are the common causes of interference for ultrasonic sensors?
    • ⤷ Can the US-HA-R be used with 3.3V logic microcontrollers?