データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • US107BHG-AF5-R

  • AI
    The **US107BHG-AF5-R** is a specific electronic component, typically classified as a **High-Precision, Low-Noise Hall Effect Sensor IC**. It is designed for applications requiring high sensitivity and stability in magnetic field detection. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Hall Effect Sensor (Unipolar/Omnipolar) | | **Package Type** | SOT-25 / SOT-23-5 (AF5 designation) | | **Supply Voltage (Vcc)** | Typically 2.4V to 5.5V | | **Magnetic Sensitivity** | High Sensitivity (G-level detection) | | **Output Type** | Open-Drain / CMOS Output | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | --- ### 2. Detailed Part Number Breakdown While naming conventions vary slightly by manufacturer (often UTC - Unisonic Technologies), the suffix usually indicates: * **US107B**: The core series identifier for the Hall Effect switch. * **HG**: High-grade sensitivity or specific magnetic threshold range. * **AF5**: Refers to the physical package, most commonly the **SOT-25** (5-pin Small Outline Transistor). * **R**: Indicates **Tape & Reel** packaging for automated SMT assembly. --- ### 3. Functional Features * **Internal Compensation:** Includes on-chip temperature compensation to maintain magnetic switch point stability across a wide temperature range. * **Low Power Consumption:** Optimized for battery-operated handheld devices. * **Solid State Reliability:** No moving parts, ensuring a much longer lifespan compared to mechanical reed switches. * **Chopper Stabilized:** Often utilizes a chopper-stabilization technique to minimize offset voltage caused by mechanical stress or thermal drift. --- ### 4. Common Applications 1. **Consumer Electronics:** Laptop lid sensors (sleep/wake function), mobile phone flip covers. 2. **Industrial:** Proximity switching, speed detection in small motors, and liquid level sensing. 3. **Appliances:** Door position sensing in refrigerators or washing machines. 4. **Automotive:** Seatbelt buckle detection or window position sensing (non-safety critical). --- ### 5. Typical Application Circuit ```c // Schematic Representation [ VCC ] ---- [ 0.1uF Cap ] ---- GND | +---- [ Pin 1: VDD ] +---- [ Pull-up Resistor (10k) ] ----+---- [ Pin 3: OUT ] --> MCU Pin | [ Pin 2: GND ] ```
    ✨ Follow-up Questions
    • ⤷What are the specific magnetic operate (Bop) and release (Brp) points for this HG grade?
    • ⤷ How does the SOT-25 pinout differ from a standard SOT-23 Hall sensor?
    • ⤷ Is this part compatible with automotive-grade AEC-Q100 standards?