データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • US5V330G-R16-R

  • AI
    ### Overview: US5V330G-R16-R The **US5V330G-R16-R** is a high-speed video switch integrated circuit (IC) manufactured by **Unisonic Technologies (UTC)**. It is primarily designed for high-performance video signal switching applications, such as switching between two different VGA or RGB sources. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Function** | 4-Channel, 2:1 Mux/DeMux Video Switch | | **Bandwidth** | ~150 MHz to 300 MHz (Application dependent) | | **Operating Voltage** | 5.0V (Typical) | | **On-Resistance ($R_{on}$)** | 3 $\Omega$ to 7 $\Omega$ (Typical) | | **Crosstalk** | -58 dB @ 10 MHz | | **Off-Isolation** | -60 dB @ 10 MHz | | **Package Type** | QSOP-16 / SSOP-16 | --- ### 2. Functional Description The device consists of four independent channels, each acting as a **SPDT (Single Pole Double Throw)** switch. It allows four inputs (e.g., R, G, B, and H-Sync) to be toggled between two different output paths. #### Main Features: * **Low On-Resistance:** Minimizes signal distortion and insertion loss, which is critical for maintaining video clarity. * **High Speed:** Fast switching times (typically < 6ns) allow for seamless transitions without visual glitches. * **Wide Bandwidth:** Supports high-resolution video signals including VGA, SVGA, and XGA. * **Low Power Consumption:** Optimized for energy-efficient electronic designs. --- ### 3. Pin Configuration (QSOP-16) The "R16" in the part number refers to the **16-pin** layout. While you should always consult the specific UTC datasheet, the typical functional mapping is as follows: 1. **S (Select):** The control pin that determines which input (A or B) is connected to the Output (I/O). 2. **$\overline{BE}$ (Bus Enable):** Active-low signal to enable or disable the entire switch. 3. **$I/O_{0-3}$:** Common pins for the four channels. 4. **$A_{0-3} / B_{0-3}$:** The dual input sets for each respective channel. 5. **VCC / GND:** Power supply (5V) and Ground. --- ### 4. Typical Applications * **Video Buffers/Switchers:** Toggling between two PC inputs for one monitor. * **Projectors:** Routing various signal sources to the main processing unit. * **KVMS (Keyboard-Video-Mouse) Switches:** Essential for switching high-quality analog video signals. * **Set-top Boxes:** Switching between internal and external video feeds. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **US5V330** | Base part number (Quad 2:1 Mux/Demux) | | **G** | Halogen-free / RoHS Compliant | | **R16** | Package Code (QSOP-16) | | **R** | Tape and Reel (Packaging method) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum signal voltage range supported by the US5V330G?
    • ⤷ How does the 'Bus Enable' pin affect the output impedance?
    • ⤷ Are there specific layout considerations for high-bandwidth video switching with this IC?