データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT138FGL-8-TF3-R

  • AI
    The **UT138FGL-8-TF3-R** is a specific integrated circuit, typically categorized as a low-voltage, high-speed power management or signal switching component. Based on the part numbering convention (often associated with manufacturers like UTC - Unisonic Technologies), this device is generally identified as a **Low Voltage Dual Bilateral Analog Switch**. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of this component series: | Parameter | Description | | :--- | :--- | | **Function** | Dual Bilateral Analog Switch | | **Operating Voltage** | Typically 1.65V to 5.5V | | **On-Resistance ($R_{on}$)** | Low (approx. 6Ω - 15Ω depending on $V_{CC}$) | | **Bandwidth** | High frequency support (up to 200MHz - 300MHz) | | **Package Type** | SOT-26 / SOT-363 (TF3 Suffix) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Suffix Breakdown (Part Number Decoder) Understanding the suffixes helps in identifying the physical and environmental properties: * **UT138F**: The core model family (Analog Switch). * **G**: Represents "Halogen Free" and "RoHS Compliant" material. * **L**: Lead-free plating. * **8**: Specific variation or revision of the internal circuitry. * **TF3**: Indicates the **SOT-26** (Small Outline Transistor) package type. * **R**: Tape and Reel packaging for automated PCB assembly. --- ### 3. Functional Applications This component is designed to handle both digital and analog signals. Common use cases include: 1. **Signal Gating**: Turning audio or video signals on/off without significant distortion. 2. **Multiplexing**: Switching between two different signal sources for a single output. 3. **Battery Powered Devices**: Because of its low power consumption, it is ideal for cell phones, tablets, and portable medical equipment. 4. **Sample-and-Hold Circuits**: Used in data acquisition systems to capture signal voltages. --- ### 4. Sample Connection Logic In a typical circuit, the device acts as a digitally controlled relay. Below is a conceptual logic representation: ```text Control Pin (High) -> Switch Closed (Signal passes from Input to Output) Control Pin (Low) -> Switch Open (High Impedance / Signal blocked) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the SOT-26 package version?
    • ⤷ What is the maximum current rating for the analog switch channels?
    • ⤷ How does the on-resistance change with different supply voltages?