データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT2302L-AE3-R

  • AI
    The **UT2302L-AE3-R** is a popular N-Channel enhancement mode Field Effect Transistor (MOSFET) commonly used in power management and switching applications. It is manufactured by Unisonic Technologies (UTC). --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the UT2302L: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 20 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±12 V | | **Continuous Drain Current** | $I_D$ | 2.1 A | | **Pulsed Drain Current** | $I_{DM}$ | 10 A | | **Power Dissipation** | $P_D$ | 0.5 W (SOT-23) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 85 mΩ (at $V_{GS}=4.5V$) | --- ### 2. Physical Characteristics & Packaging The suffix in the part number provides specific details regarding the physical build: * **AE3**: Refers to the **SOT-23** package type. This is a small, three-lead surface-mount package. * **R**: Indicates **Tape and Reel** packaging for automated assembly. * **L (Halogen Free)**: The "L" usually signifies that the part is Lead-free and complies with environmental standards (RoHS). ### 3. Pin Configuration The SOT-23 package has a standard pinout for MOSFETs: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Source (S):** Connected to the negative side of the load or ground. 3. **Drain (D):** Connected to the load. --- ### 4. Typical Applications Due to its low $R_{DS(ON)}$ and small footprint, the UT2302L is frequently found in: * **Battery Protection:** Switching circuits in mobile devices. * **DC/DC Converters:** Small power supply modules. * **Load Switching:** Turning peripheral components on/off via a microcontroller signal. * **LED Drivers:** Managing current for low-power LED arrays. --- ### 5. Implementation Example In a basic switching circuit, the UT2302L can be controlled by a 3.3V or 5V logic signal. ```arduino // Logic Diagram // MCU Pin (3.3V) ----> [Gate] // Ground ----> [Source] // Load (-) ----> [Drain] // Load (+) ----> [VCC] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the UT2302L?
    • ⤷ How does the gate threshold voltage impact its performance with 1.8V logic?
    • ⤷ What is the maximum junction temperature for this MOSFET?