データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT2352G-AE3-R

  • AI
    ## UT2352G-AE3-R Electronic Component Overview The **UT2352G-AE3-R** is a specific N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for low-voltage, high-speed switching applications and power management. --- ### 1. Key Technical Specifications Below are the typical parameters for this specific part number: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 20V | Maximum voltage across drain and source. | | **Gate-Source Voltage ($V_{GS}$)** | ±8V | Maximum voltage across gate and source. | | **Continuous Drain Current ($I_D$)** | ~2.5A to 3.0A | Max current flow at standard temperature. | | **Drain-Source On-Resistance ($R_{DS(ON)}$)** | < 60-80 mΩ | Measured at $V_{GS}$ = 4.5V. | | **Package Type** | SOT-23 | Small Outline Transistor (Surface Mount). | | **Halogen Free** | Yes | Denoted by the "G" in the part number. | --- ### 2. Part Number Breakdown The suffixing and prefixing provide specific information about the manufacturing and packaging: * **UT2352**: The basic model/series number for the N-Channel MOSFET. * **G**: Indicates that the part is **Halogen-Free** and Lead-Free (Green). * **AE3**: Represents the **SOT-23** package type. * **R**: Indicates the packaging format, which is **Tape and Reel**. --- ### 3. Applications Due to its small footprint and low threshold voltage, the UT2352G-AE3-R is commonly found in: 1. **Battery Management Systems:** Used for charging circuits in portable electronics. 2. **Load Switching:** Turning peripheral power on/off in microcontrollers. 3. **DC-DC Converters:** Efficiency-focused power conversion. 4. **LED Drivers:** Small-scale lighting control. --- ### 4. Circuit Symbol & Internal Structure In a typical circuit diagram, this N-Channel MOSFET functions as a voltage-controlled switch: * **Gate (G):** Controls the flow of current. * **Drain (D):** Where the current enters. * **Source (S):** Where the current exits (typically connected to ground). ```mermaid graph TD D[Drain] G[Gate] S[Source] G --- |Insulated| Channel D --- Channel Channel --- S ```
    ✨ Follow-up Questions
    • ⤷What is the typical gate threshold voltage for the UT2352G?
    • ⤷ Are there P-channel equivalents to the UT2352G available in the SOT-23 package?
    • ⤷ How does the power dissipation of this MOSFET compare to larger packages like TO-220?