データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • UT2P06G-AE3-R

  • AI
    The **UT2P06G-AE3-R** is a specific P-Channel Enhancement Mode Power MOSFET manufactured by UTC (Unisonic Technologies). This component is designed for low-voltage, high-speed switching applications. ### Technical Specifications Below are the primary electrical characteristics for the UT2P06G-AE3-R: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -60 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | -2.0 A | | **Pulsed Drain Current** | $I_{DM}$ | -8.0 A | | **Power Dissipation** | $P_D$ | 0.5 W to 1.5 W (Package dependent) | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | $\approx$ 130 mΩ @ $V_{GS}$ = -10V | --- ### Key Features and Construction 1. **P-Channel Technology:** Being a P-Channel MOSFET, it is turned "ON" when the gate voltage is lower than the source voltage. This makes it ideal for high-side load switching. 2. **Package (AE3):** The "AE3" suffix typically refers to the **SOT-23** surface-mount package. This is a compact, three-lead package suitable for space-constrained PCB designs. 3. **Halogen-Free (G):** The "G" in the part number indicates that the component is Halogen-Free and RoHS compliant, meeting environmental safety standards. 4. **High Switching Speed:** Designed with low gate charge, allowing the device to transition between states rapidly, reducing switching losses. ### Common Applications * **Power Management:** Used in DC-DC converters and battery-powered portable devices. * **Load Switching:** Serving as a switch to connect or disconnect power to specific sub-systems. * **Motor Control:** Small DC motor drives where high-side switching is required. * **LED Drivers:** Controlling power flow to LED arrays. ### Pin Configuration (SOT-23) In the standard SOT-23 package for this MOSFET: * **Pin 1:** Gate (G) * **Pin 2:** Source (S) * **Pin 3:** Drain (D) ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the UT2P06G?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What are the thermal management considerations for this SOT-23 package?